Electronic Components Datasheet Search
  English  ▼

X  

ADC1610S Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1610S
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1610S Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1610S Datasheet HTML 4Page - NXP Semiconductors ADC1610S Datasheet HTML 5Page - NXP Semiconductors ADC1610S Datasheet HTML 6Page - NXP Semiconductors ADC1610S Datasheet HTML 7Page - NXP Semiconductors ADC1610S Datasheet HTML 8Page - NXP Semiconductors ADC1610S Datasheet HTML 9Page - NXP Semiconductors ADC1610S Datasheet HTML 10Page - NXP Semiconductors ADC1610S Datasheet HTML 11Page - NXP Semiconductors ADC1610S Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ADC1610S_SER_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 12 April 2010
8 of 38
NXP Semiconductors
ADC1610S series
ADC1610S series; CMOS or LVDS DDR digital output
[1]
Typical values measured at VDDA =3V, VDDO =1.8 V, Tamb =25 °C and CL = 5 pF; minimum and maximum values are across the full
temperature range Tamb = −40 °C to +85 °C at VDDA =3V, VDDO = 1.8 V; VINP − VINM = −1 dBFS; internal reference mode; applied to
CMOS and LVDS interface; unless otherwise specified.
Supply
PSRR
power supply rejection ratio
100 mV (p-p) on VDDA
-35
-
dBc
Table 6.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com