Electronic Components Datasheet Search
  English  ▼

X  

CS61884 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS61884_05 Datasheet HTML 37Page - Cirrus Logic CS61884_05 Datasheet HTML 38Page - Cirrus Logic CS61884_05 Datasheet HTML 39Page - Cirrus Logic CS61884_05 Datasheet HTML 40Page - Cirrus Logic CS61884_05 Datasheet HTML 41Page - Cirrus Logic CS61884_05 Datasheet HTML 42Page - Cirrus Logic CS61884_05 Datasheet HTML 43Page - Cirrus Logic CS61884_05 Datasheet HTML 44Page - Cirrus Logic CS61884_05 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
CS61884
DS485F1
41
14.27 AWG Overflow Interrupt Enable Register (1Ah)
14.28 AWG Overflow Interrupt Status Register (1Bh)
14.29 Reserved Register (1Ch)
14.30 Reserved Register (1Dh)
14.31 Bits Clock Enable Register (1Eh)
14.32 Reserved Register (1Fh)
BIT
NAME
Description
[7:0]
AWGE 7-0
This register enables changes in the overflow status to be reflected in the AWG Interrupt Sta-
tus register, thus causing as interrupt on the INT pin. Interrupts are maskable on a per-chan-
nel basis. Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
AWGI 7-0
The bits in this register indicate a change in status since the last AWG overflow interrupt. An
AWG overflow occurs when invalid phase data are entered, such that a sample-by-sample
addition of UI0 and UI1 results in values that exceed the arithmetic range of the 7-bit repre-
sentation. Reading this register clears the interrupt, which deactivates the INT pin. Register
bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
RSVD 7-0
RESERVED (These bits must be set to zero.)
BIT
NAME
Description
[7:0]
RSVD 7-0
RESERVED (These bits must be set to zero.)
BIT
NAME
Description
[7:0]
BITS 7-0
Setting a “1” to bit n in this register changes channel n to a stand-alone timing recovery unit
used for G.703 clock recovery. (Refer to BUILDING INTEGRATED TIMING SYSTEMS
(BITS) CLOCK MODE (See Section 8 on page 23) for a better description of the G.703 clock
recovery function). Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
RSVD 7-0
RESERVED (These bits must be set to zero.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com