Electronic Components Datasheet Search
  English  ▼

X  

CS61884 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS61884_05 Datasheet HTML 40Page - Cirrus Logic CS61884_05 Datasheet HTML 41Page - Cirrus Logic CS61884_05 Datasheet HTML 42Page - Cirrus Logic CS61884_05 Datasheet HTML 43Page - Cirrus Logic CS61884_05 Datasheet HTML 44Page - Cirrus Logic CS61884_05 Datasheet HTML 45Page - Cirrus Logic CS61884_05 Datasheet HTML 46Page - Cirrus Logic CS61884_05 Datasheet HTML 47Page - Cirrus Logic CS61884_05 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
CS61884
44
DS485F1
channel or channels. To enable the AWG function
for a specific channel or channels the correspond-
ing bit(s) in the AWG Enable Register (19h) (See
Section 14.26 on page 40) must be set to “1”. When
the corresponding bit(s) in the AWG Enable Regis-
ter are set to “0” pre-programmed pulse shapes are
selected for transmission.
In order to access and write data for a customized
pulse shape to a specific channel or channels, the
following steps are required. First the desired chan-
nel and phase sample addresses must be written to
the AWG Phase Data Register (18h) (See Section
14.25 on page 40). Once the channel and phase
sample address have been selected, the actual phase
sample data may be entered into the AWG Phase
Data Register at the selected phase sample address
selected by the lower five bits of the AWG Phase
Address Register (17h) (See Section 14.24 on
page 40)).
To change the phase sample address of the selected
channel the user may use either of the following
steps. First, the user can re-write the phase sample
address to the AWG Phase Address Register or set
the Auto-Increment bit (Bit 7) in the Global Con-
trol Register (0Fh) (See Section 14.16 on
page 38)) to “1”. When this bit is set to “1” only the
first phase sample address (00000 binary) needs to
be written to the AWG Phase Address Register
(17h) (See Section 14.24 on page 40), and each
subsequent access (read or write) to the AWG
Phase Data Register (18h) (See Section 14.25 on
page 40) will automatically increment the phase
sample address. The channel address, however, re-
mains unaffected by the Auto-Increment mode.
Since the number of phase samples forming the
customized pulse shape varies with the mode of op-
eration (E1/T1/J1), the AWG Phase Address Reg-
ister (17h) (See Section 14.24 on page 40) needs to
be re-written in order to re-start the phase sample
address sequence from zero.
The AWG Broadcast function allows the same data
to be written to different channels simultaneously.
This is done with the use of the AWG Broadcast
Register (16h) (See Section 14.23 on page 40)),
each bit in the AWG Broadcast Register corre-
sponds to a different channel (bit 0 is channel 0, and
bit 3 is channel 3 & etc.).
To write the same pulse shaping data to multiple
channels, simple set the corresponding bit to “1” in
the AWG Broadcast Register (16h) (See Section
14.23 on page 40). This function only requires that
one of the eight channel addresses be written to the
AWG Phase Address Register (17h) (See Section
14.24 on page 40). During an AWG read sequence,
the bits in the AWG Broadcast Register are ig-
nored. During an AWG write sequence, the select-
ed channel or channels are specified by both the
channel address specified by the upper bits of the
AWG Phase Address Register (17h) (See Section
14.24 on page 40) and the selected channel or chan-
nels in the AWG Broadcast Register (16h) (See
Section 14.23 on page 40).
During a multiple channel write the first channel
that is written to, is the channel that was address by
the AWG Phase Address Register. This channel’s
bit in the AWG Broadcast Register can be set to ei-
ther “1” or “0”. For a more descriptive explanation
of how to use the AWG refer to the “How To Use
The CS61880/CS61884 Arbitrary Waveform Gen-
erator” application note AN204.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com