| Electronic Components Datasheet Search |
|
CS61884-IB Datasheet(PDF) 5 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61884-IB Datasheet(HTML) 5 Page - Cirrus Logic |
|
5 / 71 page ![]() CS61884 DS485F1 5 LIST OF FIGURES Figure 1. CS61884 144-Pin Outs ....................................................................................................... 7 Figure 2. CS61884 160-Ball FBGA Pin Outs .................................................................................... 8 Figure 3. G.703 BITS Clock Mode in NRZ Mode .......................................................................... 23 Figure 4. G.703 BITS Clock Mode in RZ Mode ............................................................................. 23 Figure 5. G.703 BITS Clock Mode in Remote Loopback ............................................................... 23 Figure 6. Pulse Mask at T1/J1 Interface .......................................................................................... 24 Figure 7. Pulse Mask at E1 Interface .............................................................................................. 24 Figure 8. Analog Loopback Block Diagram .................................................................................... 30 Figure 9. Analog Loopback with TAOS Block Diagram ................................................................ 30 Figure 10. Digital Loopback Block Diagram .................................................................................. 31 Figure 11. Digital Loopback with TAOS ........................................................................................ 31 Figure 12. Remote Loopback Block Diagram ................................................................................. 31 Figure 13. Serial Read/Write Format (SPOL = 0) ........................................................................... 33 Figure 14. Arbitrary Waveform UI .................................................................................................. 43 Figure 15. Test Access Port Architecture ........................................................................................ 45 Figure 16. TAP Controller State Diagram ....................................................................................... 46 Figure 17. Internal RX/TX Impedance Matching ............................................................................ 51 Figure 18. Internal TX, External RX Impedance Matching ............................................................ 52 Figure 19. Jitter Transfer Characteristic vs. G.736, TBR 12/13 & AT&T 62411 ........................... 58 Figure 20. Jitter Tolerance Characteristic vs. G.823 & AT&T 62411 ............................................ 58 Figure 21. Recovered Clock and Data Switching Characteristics ................................................... 60 Figure 22. Transmit Clock and Data Switching Characteristics ...................................................... 60 Figure 23. Signal Rise and Fall Characteristics ............................................................................... 60 Figure 24. Serial Port Read Timing Diagram .................................................................................. 61 Figure 25. Serial Port Write Timing Diagram ................................................................................. 61 Figure 26. Parallel Port Timing - Write; Intel Multiplexed Address / Data Bus Mode ................... 63 Figure 27. Parallel Mode Port Timing - Read; Intel Multiplexed Address / Data Bus Mode ........ 63 Figure 28. Parallel Port Timing - Write in Motorola Multiplexed Address / Data Bus .................. 64 Figure 29. Parallel Port Timing - Read in Motorola Multiplexed Address / Data Bus ................... 64 Figure 30. Parallel Port Timing - Write in Intel Non-Multiplexed Address / Data Bus Mode ....... 66 Figure 31. Parallel Port Timing - Read in Intel Non-Multiplexed Address / Data Bus Mode ........ 66 Figure 32. Parallel Port Timing - Write in Motorola Non-Multiplexed Address / Data Bus Mode 67 Figure 33. Parallel Port Timing - Read in Motorola Non-Multiplexed Address / Data Bus Mode . 67 Figure 34. JTAG Switching Characteristics .................................................................................... 68 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |