Electronic Components Datasheet Search
  English  ▼

X  

CS61884-IB Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 12Page - Cirrus Logic CS61884-IB Datasheet HTML 13Page - Cirrus Logic CS61884-IB Datasheet HTML 14Page - Cirrus Logic CS61884-IB Datasheet HTML 15Page - Cirrus Logic CS61884-IB Datasheet HTML 16Page - Cirrus Logic CS61884-IB Datasheet HTML 17Page - Cirrus Logic CS61884-IB Datasheet HTML 18Page - Cirrus Logic CS61884-IB Datasheet HTML 19Page - Cirrus Logic CS61884-IB Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
CS61884
16
DS485F1
3.6 Digital Rx/Tx Data I/O
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
TCLK0
36
N1
I
Transmit Clock Input Port 0
- When TCLK is active, the TPOS and TNEG pins function
as NRZ inputs that are sampled on the falling edge of
TCLK.
- If MCLK is active, TAOS will be generated when TCLK is
held High for 16 MCLK cycles.
NOTE: MCLK is used as the timing reference during TAOS
and must have the appropriate stability.
- If TCLK is held High in the absence of MCLK, the TPOS
and TNEG inputs function as RZ inputs. In this mode, the
transmit pulse width is set by the pulse-width of the signal
input on TPOS and TNEG. To enter this mode, TCLK must
be held high for at least 12
µS.
- If TCLK is held Low, the output drivers enter a low-power,
high impedance state.
TPOS0/TDATA0
TNEG0/UBS
37
38
N2
N3
I
I
Transmit Positive Pulse/Transmit Data Input Port 0
Transmit Negative Pulse/Unipolar-Bipolar Select Port 0
The function of the TPOS/TDATA and TNEG/UBS inputs
are determined by whether Unipolar, Bipolar or RZ input
mode has been selected.
Bipolar Mode - In this mode, NRZ data on TPOS and
TNEG are sampled on the falling edge of TCLK and trans-
mitted onto the line at TTIP and TRING respectively. A
“High” input on TPOS results in transmission of a positive
pulse; a “High” input on TNEG results in a transmission of a
negative pulse. The translation of TPOS/TNEG inputs to
TTIP/TRING outputs is as follows:
Unipolar mode - Unipolar mode is activated by holding
TNEG/UBS “High” for more than 16 TCLK cycles, when
MCLK is present. The falling edge of TCLK samples a uni-
polar data steam on TPOS/TDATA.
RZ Mode - To activate RZ mode tie TCLK “High” with the
absence of MCLK. In this mode, the duty cycle of the
TPOS and TNEG inputs determine the pulse width of the
output signal on TTIP and TRING.
TPOS
TNEG
OUTPUT
00
Space
1
0
Positive Mark
0
1
Negative Mark
11
Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com