Electronic Components Datasheet Search
  English  ▼

X  

BAS45A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS45A
Description  Low-leakage diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS45A Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS45A Datasheet HTML 1Page - NXP Semiconductors BAS45A Datasheet HTML 2Page - NXP Semiconductors BAS45A Datasheet HTML 3Page - NXP Semiconductors BAS45A Datasheet HTML 4Page - NXP Semiconductors BAS45A Datasheet HTML 5Page - NXP Semiconductors BAS45A Datasheet HTML 6Page - NXP Semiconductors BAS45A Datasheet HTML 7Page - NXP Semiconductors BAS45A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Mar 13
3
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS45A
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 1 mA
−
780
mV
IF = 10 mA
−
860
mV
IF = 100 mA
−
1000
mV
IR
reverse current
see Fig.5
VR = 125 V; Emax = 100 lx
−
1
nA
VR = 30 V; Tj = 125 °C; Emax = 100 lx
−
300
nA
VR = 125 V; Tj = 125 °C; Emax = 100 lx
−
500
nA
VR = 125 V; Tj = 150 °C; Emax = 100 lx
−
2
μA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
−
4
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
1.5
−
μs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
8 mm from the body
300
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
500
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com