Electronic Components Datasheet Search
  English  ▼

X  

BAS45A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS45A
Description  Low-leakage diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS45A Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS45A Datasheet HTML 1Page - NXP Semiconductors BAS45A Datasheet HTML 2Page - NXP Semiconductors BAS45A Datasheet HTML 3Page - NXP Semiconductors BAS45A Datasheet HTML 4Page - NXP Semiconductors BAS45A Datasheet HTML 5Page - NXP Semiconductors BAS45A Datasheet HTML 6Page - NXP Semiconductors BAS45A Datasheet HTML 7Page - NXP Semiconductors BAS45A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1996 Mar 13
5
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS45A
VR = 125 V.
Fig.5
Reverse current as a function of junction
temperature.
handbook, halfpage
10 4
10
3
10 2
10
10 1
150
50
0
MBD456
100
1
I R
(nA)
T ( C)
o
j
typ
max
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj = 25 °C.
handbook, halfpage
010
20
15
5
3
2
0
1
MBG524
VR (V)
Cd
(pF)
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
Ω
IF
D.U.T.
R = 50
i
Ω
SAMPLING
OSCILLOSCOPE
MGA881
Fig.7 Reverse recovery time test circuit and waveforms.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com