Electronic Components Datasheet Search
  English  ▼

X  

PA91 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA91
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA91 Datasheet(HTML) 3 Page - Cirrus Logic

  PA91 Datasheet HTML 1Page - Cirrus Logic PA91 Datasheet HTML 2Page - Cirrus Logic PA91 Datasheet HTML 3Page - Cirrus Logic PA91 Datasheet HTML 4Page - Cirrus Logic PA91 Datasheet HTML 5Page - Cirrus Logic PA91 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PA91
PA91U
3
P r o d u c t I n n o v a t i o n F r o m
®
NOTES: 1. (AllMin/MaxcharacteristicsandspecificationsareguaranteedovertheSpecifiedOperatingCondi-
tions.Typicalperformancecharacteristicsandspecificationsarederivedfrommeasurementstaken
attypicalsupplyvoltagesandT
C=25°C).
2. Longtermoperationatthemaximumjunctiontemperaturewillresultinreducedproductlife.Derate
powerdissipationtoachievehighMTTF.
3. +V
Sand–VSdenotethepositiveandnegativepowersupplyrailrespectively.
4. Ratingappliesiftheoutputcurrentalternatesbetweenbothoutputtransistorsataratefasterthan
60Hz.
5. Deratemaxsupplyrating0.625V/°Cbelow25°Ccase.Noderatingneededabove25°Ccase.
TYPICAL PERFORMANCE GRAPHS
Parameter
Test Conditions1
Min
Typ
Max
Units
SETTLINGTIMEto0.1%
C
C=OPEN,2Vstep
1
µS
RESISTANCE,noload
50
Ω
POWER SUPPLY
VOLTAGE(Note5)
±40
±150
±225
V
CURRENT,quiescent
10
14
mA
THERMAL
RESISTANCE,AC,junctiontocase(Note4) Fulltemprange,F>60Hz
2.5
°C/W
RESISTANCE,DC,junctiontocase
Fulltemprange,F<60Hz
4.2
°C/W
RESISTANCE,junctiontoair
Fulltemprange
30
°C/W
TEMPERATURERANGE,case
Meetsfullrangespecifications
-25
+85
°C
10
HARMONIC DISTORTION
100K
100
1K
10K
100k
FREQUENCY F (Hz)
135
90
PHASE RESPONSE
10
100
10K
100K
FREQUENCY, F (Hz)
100K
FREQUENCY, F (Hz)
–10
0
30
SMALL SIGNAL RESPONSE
10
20
40
50
0
0.15
0.2
OUTPUT CURRENT, I
O (A)
5
6
OUTPUT VOLTAGE SWING
4.5
4
5.5
0
8
12
20
24
RESISTOR VALUE, R
CL (Ω)
0
.05
.2
CURRENT LIMIT
.1
.15
0.1
EXT. COMPENSATION CAPACITOR, C
C (pF)
10
SLEW RATE
50
40
30
20
1K
10
100
FREQUENCY, F (Hz)
1
25
50
100
CASE TEMPERATURE, T
C (°C)
1.1
NORMALIZED QUIES. CURRENT
1.0
4
16
INPUT NOISE VOLTAGE
1K
2
7
10
20
5
3
15
.05
225
75
.001
1M
10M
270
180
125
1.2
1.3
0.1
3.5
700
300
200
100
70
500
1
.01
.1
1M
10M
C
C = 68 pF
C
C = 10 pF
C
C = 4.7 pF
C
C = OPEN
C
C = 68 pF
C
C = 10 pF
C
C = 4.7 pF
C
C = OPEN
0
25
50
75
100 125
150
CASE TEMPERATURE, T
C (°C)
0
8
24
32
POWER DERATING
16
40
R
L = 1KΩ
V
S = 200V
A
V = 63
P
O = 5W
P
O = 1W
P
O = 17.6W
OUTPUT STAGE
POWER RESPONSE
FREQUENCY, F (Hz)
10K
100K
1M
50
60
70
80
90
100
200
300
500
400



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com