Electronic Components Datasheet Search
  English  ▼

X  

PA91 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA91
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA91 Datasheet(HTML) 4 Page - Cirrus Logic

  PA91 Datasheet HTML 1Page - Cirrus Logic PA91 Datasheet HTML 2Page - Cirrus Logic PA91 Datasheet HTML 3Page - Cirrus Logic PA91 Datasheet HTML 4Page - Cirrus Logic PA91 Datasheet HTML 5Page - Cirrus Logic PA91 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PA91
4
PA91U
P r o d u c t I n n o v a t i o n F r o m
®
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONING
Piezopositioningmaybeappliedtothefocusingofseg-
mented mirror systems. The composite mirror may be
composedofhundredsofelements,eachrequiringfocus-
ingundercomputercontrol.Insuchcomplexsystemsthe
PA91 reduces the costs of power supplies and cooling
withitsadvantagesoflowcostandlowquiescentpower
consumptionwhileincreasingcircuitdensitywiththeSIP
package.
GENERAL
PleasereadApplicationNote1"GeneralOperatingConsiderations"whichcoversstability,supplies,heatsinking,
mounting,currentlimit,SOAinterpretation,andspecificationinterpretation.Visitwww.cirrus.comfordesigntools
thathelpautomatetaskssuchascalculationsforstability,internalpowerdissipation,currentlimit;heatsinkselec-
tion;ApexPrecisionPower’scompleteApplicationNoteslibrary;TechnicalSeminarWorkbook;andEvaluationKits.
CURRENT LIMIT
Forproperoperation,thecurrentlimitresistor(R
CL)mustbeconnectedasshownintheexternalconnectiondia-
gram.Foroptimumreliabilitytheresistorvalueshouldbesetashighaspossible.Thevalueiscalculatedasfollows;
withthemaximumpracticalvalueof32ohms.
.65
R
CL=
I
LIM
10
HARMONIC DISTORTION
100K
100
1K
10K
100k
FREQUENCY F (Hz)
135
90
PHASE RESPONSE
10
100
10K
100K
FREQUENCY, F (Hz)
100K
FREQUENCY, F (Hz)
–10
0
30
SMALL SIGNAL RESPONSE
10
20
40
50
0
0.15
0.2
OUTPUT CURRENT, I
O (A)
5
6
OUTPUT VOLTAGE SWING
4.5
4
5.5
0
8
12
20
24
RESISTOR VALUE, R
CL (Ω)
0
.05
.2
CURRENT LIMIT
.1
.15
0.1
EXT. COMPENSATION CAPACITOR, C
C (pF)
10
SLEW RATE
50
40
30
20
1K
10
100
FREQUENCY, F (Hz)
1
25
50
100
CASE TEMPERATURE, T
C (°C)
1.1
NORMALIZED QUIES. CURRENT
1.0
4
16
INPUT NOISE VOLTAGE
1K
2
7
10
20
5
3
15
.05
225
75
.001
1M
10M
270
180
125
1.2
1.3
0.1
3.5
700
300
200
100
70
500
1
.01
.1
1M
10M
C
C = 68 pF
C
C = 10 pF
C
C = 4.7 pF
C
C = OPEN
C
C = 68 pF
C
C = 10 pF
C
C = 4.7 pF
C
C = OPEN
0
25
50
75
100 125
150
CASE TEMPERATURE, T
C (°C)
0
8
24
32
POWER DERATING
16
40
R
L = 1KΩ
V
S = 200V
A
V = 63
P
O = 5W
P
O = 1W
P
O = 17.6W
OUTPUT STAGE
POWER RESPONSE
FREQUENCY, F (Hz)
10K
100K
1M
50
60
70
80
90
100
200
300
500
400
F
R
PA91
IN
R
1
2
6
7,8
9,10
11,12
PIEZO DRIVE
S
–V
S
+V
OUT
V
COMPUTER
FOCUS
COMMAND
VOLTAGE
CL
R
PHASE COMPENSATION
GAIN
C
C*
R
C
≥1
68pF
100Ω
≥5
10pF
100Ω
≥10
4.7pF
0Ω
≥30
NONE
0Ω
*C
CToberatedforthefullsupplyvoltage+VSto–VS.
UseNPOceramic(COG)type.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com