Electronic Components Datasheet Search
  English  ▼

X  

BAT18 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAT18
Description  Silicon planar diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT18 Datasheet(HTML) 1 Page - NXP Semiconductors

  BAT18 Datasheet HTML 1Page - NXP Semiconductors BAT18 Datasheet HTML 2Page - NXP Semiconductors BAT18 Datasheet HTML 3Page - NXP Semiconductors BAT18 Datasheet HTML 4Page - NXP Semiconductors BAT18 Datasheet HTML 5Page - NXP Semiconductors BAT18 Datasheet HTML 6Page - NXP Semiconductors BAT18 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
Planar high performance band-switching diode in a small rectangular SOT23 SMD plastic
package.
1.2 Features
s Continuous reverse voltage: max. 35 V
s Continuous forward current: max. 100 mA
s Low diode capacitance: max. 1.0 pF
s Low diode forward resistance: max. 0.7
Ω.
1.3 Applications
s Band switching.
2.
Pinning information
3.
Ordering information
BAT18
Silicon planar diode
Rev. 02 — 31 August 2004
Product data sheet
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1
anode
2
not connected
3
cathode
12
3
sym044
2
1
3
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BAT18
-
plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BAT18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18 Datasheet
27Kb / 4P
Band-switching diode
1996 Mar 13
logo
Siemens Semiconductor G...
BAT18 SIEMENS-BAT18 Datasheet
39Kb / 2P
Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18 Datasheet
432Kb / 3P
Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18 KEXIN-BAT18 Datasheet
35Kb / 1P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
More results

Similar Description - BAT18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
Silicon Planar Diode
18-Mar-99
logo
AUK corp
SUD492J AUK-SUD492J Datasheet
248Kb / 4P
Silicon epitaxial planar Diode
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
KDS121E KEC-KDS121E Datasheet
174Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380 BILIN-1SS380 Datasheet
101Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
SD106WS BILIN-SD106WS Datasheet
278Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
NXP Semiconductors
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
BAT18 PHILIPS-BAT18_15 Datasheet
62Kb / 7P
Silicon planar diode
Rev. 02-31 August 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com