Electronic Components Datasheet Search
  English  ▼

X  

BAT54CM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT54CM
Description  Schottky barrier double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54CM Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT54CM Datasheet HTML 1Page - NXP Semiconductors BAT54CM Datasheet HTML 2Page - NXP Semiconductors BAT54CM Datasheet HTML 3Page - NXP Semiconductors BAT54CM Datasheet HTML 4Page - NXP Semiconductors BAT54CM Datasheet HTML 5Page - NXP Semiconductors BAT54CM Datasheet HTML 6Page - NXP Semiconductors BAT54CM Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2003 Nov 11
2
NXP Semiconductors
Product data sheet
Schottky barrier double diode
BAT54CM
FEATURES
• Low forward voltage
• Leadless ultra small plastic package
(1.0
× 0.6 × 0.5 mm)
• Boardspace 1.17 mm2 (approx. 10% of SOT23)
• Power dissipation comparable to SOT23.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Mobile communications, digital (still) cameras, PDAs
and PCMCIA cards.
DESCRIPTION
Planar Schottky barrier double diode encapsulated in a
SOT883 leadless ultra small plastic package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BAT54CM
S3
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
handbook, halfpage
MLE232
1
2
3
Bottom view
Top view
cathode mark
2
1
3
Fig.1
Simplified outline (SOT883) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BAT54CM
−
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com