Electronic Components Datasheet Search
  English  ▼

X  

BAT54CM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT54CM
Description  Schottky barrier double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54CM Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT54CM Datasheet HTML 1Page - NXP Semiconductors BAT54CM Datasheet HTML 2Page - NXP Semiconductors BAT54CM Datasheet HTML 3Page - NXP Semiconductors BAT54CM Datasheet HTML 4Page - NXP Semiconductors BAT54CM Datasheet HTML 5Page - NXP Semiconductors BAT54CM Datasheet HTML 6Page - NXP Semiconductors BAT54CM Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2003 Nov 11
3
NXP Semiconductors
Product data sheet
Schottky barrier double diode
BAT54CM
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Refer to SOT883 standard mounting conditions (footprint); FR4 with 60
μm copper strip line.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOT883 standard mounting conditions (footprint), FR4 with 60
μm copper strip line.
Soldering
Reflow soldering is the only recommended soldering method.
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulsed test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
30
V
IF
continuous forward current
−
200
mA
IFRM
repetitive peak forward current
tp ≤ 1 s; δ ≤ 0.5
−
300
mA
IFSM
non-repetitive peak forward current
tp < 10 ms
−
600
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Ptot
total power dissipation (per package)
Tamb ≤ 25 °C; note 1
−
250
mW
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.2;
IF = 0.1 mA
240
mV
IF = 1 mA
320
mV
IF = 10 mA
400
mV
IF = 30 mA
500
mV
IF = 100 mA
800
mV
IR
continuous reverse current
VR = 25 V; note 1; see Fig.3
2
μA
Cd
diode capacitance
f = 1 MHz; VR = 1 V; see Fig.4
10
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com