Electronic Components Datasheet Search
  English  ▼

X  

PA241DF Datasheet(PDF) 6 Page - Cirrus Logic

Part # PA241DF
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA241DF Datasheet(HTML) 6 Page - Cirrus Logic

  PA241DF Datasheet HTML 1Page - Cirrus Logic PA241DF Datasheet HTML 2Page - Cirrus Logic PA241DF Datasheet HTML 3Page - Cirrus Logic PA241DF Datasheet HTML 4Page - Cirrus Logic PA241DF Datasheet HTML 5Page - Cirrus Logic PA241DF Datasheet HTML 6Page - Cirrus Logic PA241DF Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA241
6
PA241U
P r o d u c t I n n o v a t i o n F r o m
SUPPLY TO OUTPUT DIFFERENTIAL, V
S -VO (V)
10
20
30
50
100
200 300
500
2
3
4
5
10
20
30
40
50
100
DC,
T
C
= 125°C
DC,
T
C
= 85°C
DC
PULSE CURVES @ 10% DUTY CYCLE MAX
PA241CE and DF SOA
200mS
120
200
SUPPLY TO OUTPUT DIFFERENTIAL, V
S -VO (V)
10
20
30
50
100
200 300
500
2
3
4
5
10
20
30
40
50
100
DC,
T
C
=
125°C
DC,
T
C
= 85°C
DC
PULSE CURVES @ 10% DUTY CYCLE MAX
PA241DW SOA
200mS
120
200
+Vs
-Vs
OUT
+Vs
-Vs
Z1
Z2
-IN
+IN
Q1
Q2
FIGURE 1
OVERVOLTAGEPROTECTION
Although the PA241 can withstand differential input voltages
up to 16V, in some applications additional external protection
may be needed.Differential inputs exceeding 16V will be clipped
by the protection circuitry.However, if more than a few milliamps
of current is available from the overload source, the protection
circuitry could be destroyed. For differential sources above
16V, adding series resistance limiting input current to 1mA will
prevent damage.Alternatively, 1N4148 signal diodes connected
anti-parallel across the input pins is usually sufficient. In more
demanding applications where bias current is important, diode
connected JFETs such as 2N4416 will be required. See Q1
and Q2 in Figure 1. In either case the differential input voltage
will be clamped to 0.7V. This is sufficient overdrive to produce
the maximum power bandwidth.
In the case of inverting circuits where the +IN pin is grounded,
the diodes mentioned above will also afford protection from
excessive common mode voltage. In the case of non-invert-
ing circuits, clamp diodes from each input to each supply will
provide protection. Note that these diodes will have substantial
reverse bias voltage under normal operation and diode leak-
age will produce errors.
Some applications will also need over-voltage protection
devices connected to the power supply rails. Unidirectional
zener diode transient suppressors are recommended. The
zeners clamp transients to voltages within the power supply
rating and also clamp power supply reversals to ground.
Whether the zeners are used or not the system power supply
should be evaluated for transient performance including power-
on overshoot and power-off polarity reversals as well as line
regulation. See Z1 and Z2 in Figure 1.
APPLICATIONREFERENCES:
For additional technical information please refer to the fol-
lowing Application Notes:
AN1: General Operating Considerations
AN3: Bridge Circuit Drives
AN25: Driving Capacitive Loads
AN38: Loop Stability with Reactive Loads



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com