Electronic Components Datasheet Search
  English  ▼

X  

PA241DF Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA241DF
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA241DF Datasheet(HTML) 1 Page - Cirrus Logic

  PA241DF Datasheet HTML 1Page - Cirrus Logic PA241DF Datasheet HTML 2Page - Cirrus Logic PA241DF Datasheet HTML 3Page - Cirrus Logic PA241DF Datasheet HTML 4Page - Cirrus Logic PA241DF Datasheet HTML 5Page - Cirrus Logic PA241DF Datasheet HTML 6Page - Cirrus Logic PA241DF Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PA241
PA241U
1
P r o d u c t I n n o v a t i o n F r o m
PA241
FEATURES
•RoHSCOMPLIANT
•MONOLITHICMOSTECHNOLOGY
•LOWCOST
•HIGHVOLTAGEOPERATION—350V
•LOWQUIESCENTCURRENTTYP.—2.2mA
•NOSECONDBREAKDOWN
•HIGHOUTPUTCURRENT—120mAPEAK
•AVAILABLEINDIEFORM—CPA241
APPLICATIONS
•PIEZOELECTRICPOSITIONING
•ELECTROSTATICTRANSDUCER&DEFLECTION
•DEFORMABLEMIRRORFOCUSING
•BIOCHEMISTRYSTIMULATORS
•COMPUTERTOVACUUMTUBEINTERFACE
DESCRIPTION
The PA241 is a high voltage monolithic MOSFET operational
amplifier which achieves performance features previously
found only in hybrid designs while increasing reliability. Inputs
are protected from excessive common mode and differential
mode voltages.The safe operating area (SOA) has no second
breakdown limitation and can be observed with all type loads
by choosing an appropriate current limiting resistor. External
compensation provides the user flexibility in choosing optimum
gain and bandwidth for the application.
The PA241CE is packaged in a hermetically sealed 8-pin
TO-3 package. The metal case of the PA241CE is isolated in
excess of full supply voltage.
The PA241DF is packaged in a 24 pin PSOP (JEDEC MO-
166) package. The metal heat slug of the PA241DF is isolated
in excess of full supply voltage.
The PA241DW is packaged in Apex Precision Power’s her-
metic ceramic SIP package. The alumina ceramic isolates the
die in excess of full supply voltage.
EQUIVALENTSCHEMATIC
20R
PIEZO
TRANSDUCER
20R
Rn
20R
Cn
R
V IN
–175
+175
–175
+175
RCL
RCL
47
47
10pF
10pF
A1
PA241
A2
PA241
LOW COST 660V p-p
PIEZO DRIVE
Two PA241 amplifiers operated as a bridge driver for a piezo
transducer provides a low cost 660 volt total drive capability.
The R
N CN network serves to raise the apparent gain of A2 at
high frequencies. If R
N is set equal to R the amplifiers can be
compensated identically and will have matching bandwidths.
EXTERNALCONNECTIONS
RCL
1
4
5
6
7
3
2
8
9 10
CC
+IN
-IN
NC NC -VS +VS
ILIM CC2 CC1 OUT
PA241DW
RCL
TOP VIEW
1
2
3
4
5
6
7
8
OUT
ILIM
–VS
+VS
CC1
–IN
+IN
CC2
CC
NOTE: PA241CE Recommended mounting torque is 4-7
in•lbs (.45 -.79 N•m)
CAUTION: The use of compressible, thermally conductive
insulators may void warranty.
PA241CE
8-PINTO-3
24-PINPSOP
10-PINSIP
PACKAGESTYLECE
PACKAGESTYLEDF
PACKAGESTYLEDW
ILIM
OUT
-IN
+IN
+VS
-VS
CC2
CC1
TYPICALAPPLICATION
Ref:APPLICATION NOTE 20: "Bridge Mode Operation of Power Amplifiers"
C
C
R
CL
NC
NC
NC
NC
-IN
NC
+IN
NC
NC
NC
NC
-VS
NC
NC
NC
OUT
NC
COMP
NC
COMP
NC
ILIM
NC
+VS
24
1
PA241DF
For CC values, see graph on page 4.
Note: CC must be rated for full supply
voltage.
High Voltage Power Operational Amplifier
PA241
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
www.cirrus.com
DEC 2009
APEX − PA241UREVI


Similar Part No. - PA241DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA241DF ETC1-PA241DF Datasheet
389Kb / 6P
High Voltage Power Operational Amplifiers
PA241DFA ETC1-PA241DFA Datasheet
389Kb / 6P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA241DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com