Electronic Components Datasheet Search
  English  ▼

X  

ZHT431G02 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZHT431G02
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431G02 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZHT431G02 Datasheet HTML 1Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 2Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 3Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 4Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 5Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 6Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZHT431
TYPICAL CHARACTERISTICS
Gain v Frequency
Frequency (Hz)
Load Capacitance (F)
Stability Boundary Conditions
Time (
µs)
Pulse Response
IZ
15k
VZ
Test Circuit for Open Loop Voltage Gain
8k25
9
µF
230
+
-
IZ = 10mA, TA = 25°C
Test Circuit for Stability Boundary Conditions
Input
150
10k
Vref < VZ < 20, IZ = 10mA, TA = 25°C
VZ
IZ
Input Monitor
V
Z
Test Circuit for Pulse Response
220
50
Pulse
Generator
TA = 25°C
60
40
20
0
100
1k
10k
100k
1M
2.0
0
0
0.4
0.6
0.8
1.0
0.2
1.0
0
5.0
3.0
Repetitive pulse
Single pulse
VZ
INPUT
STABLE
STABLE
0
10p
20
40
60
80
100
100p
1000p
0.01
µ
0.1
µ
1
µ
4-31



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com