Electronic Components Datasheet Search
  English  ▼

X  

ZHT431G02 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZHT431G02
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431G02 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZHT431G02 Datasheet HTML 1Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 2Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 3Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 4Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 5Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 6Page - Zetex Semiconductors ZHT431G02 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APPLICATION CIRCUITS
ZHT431
R2
Vout =
1 +
R1
R2
Vref
SERIES REGULATOR
V+
Vout
R1
30
0.01µF
Vref
Vout =
1 +
R1
R2
Vref
Vout
= Vref + Vreg
MIN
OUTPUT CONTROL OF A
THREE TERMINAL FIXED REGULATOR
R2
R1
V+
Vout
Vref
ZSR***
In
Out
Common
R2
R1
V+
Vout
Vout =
Vref
1 +
R1
R2
Vref
HIGHER CURRENT SHUNT REGULATOR
V+
OUTPUT
INPUT
V
= 2.5V
TH
V
2V
on
V
= V+
off
SINGLE SUPPLY COMPARATOR
WITH TEMPERATURE
COMPENSATED THRESHOLD
R2A
R1A
V+
Vref
R2B
R1B
Vref
1 +
R1B
R2B
Vref
OVER VOLTAGE / UNDER VOLTAGE
PROTECTION CIRCUIT
Low limit =
High limit =
1 +
R1A
R2A
Vref
R2
R1
Vout =
Vref
1 +
R1
R2
Vref
SHUNT REGULATOR
V+
Vout
OUTPUT
4-33



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com