Electronic Components Datasheet Search
  English  ▼

X  

CS49311 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS49311
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49311 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS49311 Datasheet HTML 48Page - Cirrus Logic CS49311 Datasheet HTML 49Page - Cirrus Logic CS49311 Datasheet HTML 50Page - Cirrus Logic CS49311 Datasheet HTML 51Page - Cirrus Logic CS49311 Datasheet HTML 52Page - Cirrus Logic CS49311 Datasheet HTML 53Page - Cirrus Logic CS49311 Datasheet HTML 54Page - Cirrus Logic CS49311 Datasheet HTML 55Page - Cirrus Logic CS49311 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
CS49300 Family DSP
52
DS339F7
physically
reside
at
location
0x0000.
The
limitations of a non-paged memory are easily seen,
and they can be circumvented using paged
memory designs as discussed in the next section.
7.2. Paged Memory
Sometimes it is desirable for the external memory
to be paged by the host controller. One application
where this is useful is the autoboot mechanism
(discussed in Section 8.2, “Autoboot” on page 57).
Using paged memory allows multiple dsp firmware
applications to be stored in the same memory, with
one application code image residing in each 32
kilobyte page.
Paging of the external memory is handled entirely
by the host controller. The host controller should
directly control all address bits outside of the
memory space to be used by the DSP. As 32
kilobyte pages are desired to hold each application
code, the DSP would need 15 bits for the address
space. The system designer would connect the 15
address signals from the address latches while the
host would directly control all address signals
above 15 bits to page the memory accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com