Electronic Components Datasheet Search
  English  ▼

X  

CS49311 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS49311
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49311 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS49311 Datasheet HTML 21Page - Cirrus Logic CS49311 Datasheet HTML 22Page - Cirrus Logic CS49311 Datasheet HTML 23Page - Cirrus Logic CS49311 Datasheet HTML 24Page - Cirrus Logic CS49311 Datasheet HTML 25Page - Cirrus Logic CS49311 Datasheet HTML 26Page - Cirrus Logic CS49311 Datasheet HTML 27Page - Cirrus Logic CS49311 Datasheet HTML 28Page - Cirrus Logic CS49311 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
CS49300 Family DSP
DS339F7
25
DTS Virtual 5.1™ Versions)
•
SRS Circle Surround™ I/II
•
HDCD®
•
Cirrus P.D.F. (Dolby Pro Logic 2Fs Decoder
and PCM Upsampler)
•
Cirrus PL2_2FS (Dolby Pro Logic II 2Fs
Decoder and PCM Upsampler)
Please refer to the CS4932x/CS49330 Part Matrix
vs. Code Matrix (PDF) document available from
the CS49300 Web Site Page for the latest listing of
audio decoding/processing algorithms. The part
will also support PES layer decode for audio/video
synchronization and DVD Audio Pack layer
support. The CS49300 will support all of the above
decoding and PCM processing standards.
CS4931X - Broadcast Sub-family. The CS4931X
sub-family is targeted at audio decoding in the
broadcast markets in systems such as digital TV,
HDTV, set-top boxes and digital audio broadcast
units (digital radios). Specifically the CS4931X
sub-family will support the following decode
standards:
•
Dolby Digital™ (AC-3™) with Dolby Pro Logic™
•
MPEG-2, Advanced Audio Coding Algorithm
(AAC)
•
MPEG-1, Layers 1, 2 Stereo
•
MPEG-1, Layers 3 (MP3) Stereo
•
MPEG-2, Layer 2 Stereo
•
MPEG-2, Layer 3 (MP3) Stereo
The part will also support PES layer decode for
audio/video synchronization. The CS49310 will
support all of the above decode standards while
other parts in the CS4931X sub-family will decode
subsets of the above audio decoding standards.
CS4932X - Audio/Video Receiver (AVR) Sub-
family. The CS4932X sub-family is targeted at
audio
decoding
in
the
audio/video
receiver
markets.
Typical
applications
will
include
amplifiers with integrated decoding capability,
outboard decoder pre-amplifiers, car radios and
any system where the compressed audio is
received in an IEC61937 format. Specifically the
CS4932X sub-family will support the following
decode standards:
•
Dolby Digital™ (AC-3™) with
Dolby Pro Logic™
•
Dolby Digital™ with Dolby Pro Logic™ plus
Cirrus Extra Surround™
•
Dolby Digital™ with Dolby Pro Logic II™
•
Dolby Digital™ with Dolby Pro Logic II™ plus
Cirrus Extra Surround™
•
Virtual Dolby Digital™
•
MPEG-2, Advanced Audio Coding Algorithm
(AAC)
•
MPEG Multichannel
•
MPEG Multichannel with Dolby Pro Logic II™
•
MPEG
Multichannel
plus
Cirrus
Extra
Surround™
•
MPEG-1, Layer 3 (MP3)
•
DTS Digital Surround™
•
DTS Digital Surround™ with
Dolby Pro Logic II™
•
DTS Digital Surround™ plus Cirrus Extra
Surround™
•
DTS-ES
Extended
Surround™
(DTS-ES
Discrete 6.1 & Matrix 6.1)
•
DTS Neo:6™
•LOGIC5® (5.1 Channel, Max Fs=48kHz and
LOGIC7® (7.1 Channel, Max Fs=96kHz)
•
VMAx VirtualTheater® (Virtual Dolby Digital)
•
SRS TruSurround™ (Virtual Dolby Digital and
DTS Virtual 5.1™ Versions)
•
SRS Circle Surround™ I/II
•
HDCD®
•
Cirrus P.D.F. (Dolby Pro Logic 2Fs Decoder
and PCM Upsampler)
•
Cirrus PL2_2FS (Dolby Pro Logic II 2Fs
Decoder and PCM Upsampler)
The CS49326 will support all of the above decode
standards while other parts in the CS4932X sub-
family will decode subsets of the above audio
decoding standards.
Except for the CS49329 which offers AAC support
this subfamily will offer integrated ROM support for
the AC-3 code, DTS code, Cirrus Original
Surround code and DTS tables. The CS49329 will
require an external download for all applications
but will still support the DTS tables on chip.
CS49330
-
General
Purpose,
Car
Audio
Processor, PCM Effects & Multichannel Post-
Processing Device. The CS49330 sub-family is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com