Electronic Components Datasheet Search
  English  ▼

X  

CS3511 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 11Page - Cirrus Logic CS3511 Datasheet HTML 12Page - Cirrus Logic CS3511 Datasheet HTML 13Page - Cirrus Logic CS3511 Datasheet HTML 14Page - Cirrus Logic CS3511 Datasheet HTML 15Page - Cirrus Logic CS3511 Datasheet HTML 16Page - Cirrus Logic CS3511 Datasheet HTML 17Page - Cirrus Logic CS3511 Datasheet HTML 18Page - Cirrus Logic CS3511 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
CS3511
DS845F1
15
4.6.2
Recommended Power-Down Sequence
1.
Set the MUTE pin to the logic high state. This will mute the amplifier outputs and hold them in a high-
impedance state.
2.
Optionally, the SLEEP pin can now be set to a logic high state to place the device into low power
mode.
3.
The power supplies can now be removed.
4.7
Protection Circuits
The CS3511 is protected against under-voltage, over-current, and over-temperature conditions. If one of
these fault conditions are present the amplifier will be muted, the outputs will be tri-stated, and the STATUS
pin will remain in a logic high state until the condition clears. The amplifier will automatically attempt to re-
cover from a detected fault condition.
4.7.1
Under-Voltage Protection
An under-voltage fault occurs if the voltage sensed on the VP terminals, the charge pump, or on V5A
drops below the corresponding falling trigger point seen in the DC Electrical Characteristics table. The
under-voltage fault will automatically clear once the voltage exceeds the associated rising trigger point.
V5GEN, V5A, and V5D must be connected together in order to properly monitor V5D and V5GEN. (See
Figure 1 and Figure 2).
4.7.2
Over-Temperature Protection
An over-temperature fault occurs if the junction temperature of the device exceeds the rising junction ther-
mal error trigger point seen in the AC Electrical Characteristics table. The thermal hysteresis of the device
will cause the fault to automatically clear when the junction temperature drops below the falling junction
thermal error trigger point.
4.7.3
Over-Current Protection
An over-current fault occurs if more current than the over-current error trigger point flows from any of the
amplifier output pins, see AC Electrical Characteristics. Over current can occur if the speaker wires are
shorted together, if one side of the speaker is shorted to ground, or if the speaker impedance is too low.
WARNING: The outputs of the CS3511 should never be shorted to VP. Doing so can result in permanent
damage to the device.
4.8
Integrated 5 V Regulator
The CS3511 includes an internal 5 V regulator in order to provide a supply to the internal digital and analog
circuitry. The output of the regulator is present on the 5VGEN pin. The regulator output pin should have a
bypass capacitor connected to AGND and be connected to the digital and analog supply pins as shown in
the Typical Connection Diagrams in Section 3. The regulator output can be used to set the SLEEP, MUTE,
GAIN0, and GAIN1 pins to a logic high state. The regulator is able to source the maximum current shown
in the DC Electrical Characteristics table.
4.9
Power Dissipation De-Rating
As a result of high-efficiency and good package thermal characteristics, the CS3511 can operate at elevated
ambient temperatures without having to de-rate the output power, assuming 8
Ω output loads or higher. The
exposed pad must be soldered to the PC Board to increase the maximum power dissipation capability
of the CS3511 package. Soldering will minimize the likelihood of an over-temperature fault occurring during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com