Electronic Components Datasheet Search
  English  ▼

X  

CS3511 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 18Page - Cirrus Logic CS3511 Datasheet HTML 19Page - Cirrus Logic CS3511 Datasheet HTML 20Page - Cirrus Logic CS3511 Datasheet HTML 21Page - Cirrus Logic CS3511 Datasheet HTML 22Page - Cirrus Logic CS3511 Datasheet HTML 23Page - Cirrus Logic CS3511 Datasheet HTML 24Page - Cirrus Logic CS3511 Datasheet HTML 25Page - Cirrus Logic CS3511 Datasheet HTML 26Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
CS3511
DS845F1
23
8. PACKAGE DIMENSIONS
1.
Dimensioning and tolerance per ASME Y 14.5M-1994.
2.
Dimensioning lead width applies to the plated terminal and is measured between 0.25 mm and 0.30 mm
from the terminal tip.
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.031
0.033
0.035
0.80
0.85
0.90
1
A1
0.00
--
0.05
0.00
--
0.05
1
A3
-
0.008 REF
-
-
0.203 REF
-
b
0.008
0.010
0.012
0.20
0.25
0.30
1,2
D
-
0.2362 BSC
-
-
6.00 BSC
-
1
D2
0.177
0.181
0.185
4.50
4.60
4.70
1
E
0.2362 BSC
6.00 BSC
1
E2
0.177
0.181
0.185
4.50
4.60
4.70
1
e
0.026 BSC
0.65 BSC
1
L
0.014
0.016
0.018
0.35
0.40
0.45
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Side View
A1
Bottom View
Top View
A
Pin #1 Corner
D
E
D2
L
b
e
Pin #1 Corner
E2
32L QFN (6 X 6 mm BODY) PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com