Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 46Page - Cirrus Logic CS4297 Datasheet HTML 47Page - Cirrus Logic CS4297 Datasheet HTML 48Page - Cirrus Logic CS4297 Datasheet HTML 49Page - Cirrus Logic CS4297 Datasheet HTML 50Page - Cirrus Logic CS4297 Datasheet HTML 51Page - Cirrus Logic CS4297 Datasheet HTML 52Page - Cirrus Logic CS4297 Datasheet HTML 53Page - Cirrus Logic CS4297 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
CS4205
50
DS489PP4
5.34
Internal Error Condition Control/Status Registers (Index 6Eh, Address 09h - 0Bh)
EROF
Effects Engine Right Channel Overflow
ELOF
Effects Engine Left Channel Overflow
MROF
Digital Mixer Right Channel Overflow
MLOF
Digital Mixer Left Channel Overflow
AMOR
Mic ADC Overrange
AROR
L/R ADC Right Channel Overrange
ALOR
L/R ADC Left Channel Overrange
Default
0000h
The IEC Config Register (Index 6Eh, Address 09h) enables error signaling for each potential error source. If a bit is
‘clear’, the corresponding source will not be monitored for errors. If a bit is ‘set’, the corresponding source will be
monitored and is able to signal an error condition. If an error occurs, the corresponding bit in the IEC Status Register
(Index 6Eh, Address 0Bh) will be ‘set’ and remains ‘set’ until the error is cleared, even if the error condition is no
longer present. This behavior is equivalent to “sticky” (edge sensitive) GPIO input pins.
The IEC Wakeup Register (Index 6Eh, Address 0Ah) provides a mask for determining if an IEC will generate a wake-
up or GPIO_INT. If a bit is ‘0’, the corresponding error condition will not generate an interrupt. If a bit is ‘set’, the
corresponding error condition will generate an interrupt. For details about wakeup interrupts refer to the GPIO Pin
Wakeup Mask Register (Index 52h).
The IEC Status Register (Index 6Eh, Address 0Bh) reflects the state of all internal error conditions. If a bit is ‘clear’,
the corresponding source has not encountered an error condition or is not being monitored for errors. If a bit is ‘set’,
the corresponding source has encountered an error condition. The IEC bit in input slot 12 is a logic OR of all bits in
this register. An error condition is cleared by writing a ‘0’ to the corresponding bit of this register. Before clearing an
error condition, the controller should correct the error to prevent repeated error signaling. Table 20 lists all the inter-
nal error sources and corrective measures for each source.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EROF ELOF MROF MLOF
0
AMOR AROR ALOR
00000000
IEC Bit
Error Source
Correction Method
ALOR
L/R ADC left channel overrange
GL[3:0] bits in reg 1Ch
AROR
L/R ADC right channel overrange
GR[3:0] bits in reg 1Ch
AMOR
Mic ADC overrange
GM[3:0] bits in reg 1Eh
MLOF
Digital mixer left channel overflow
GL[5:0] bits in reg 6Eh, addr 00h-05h
MROF
Digital mixer right channel overflow
GR[5:0] bits in reg 6Eh, addr 00h-05h
ELOF
Effects engine left channel overflow
GL[3:0] bits in reg 6Eh, addr 08h
EROF
Effects engine right channel overflow GR[3:0] bits in reg 6Eh, addr 08h
Table 20. Internal Error Sources and Correction Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com