Electronic Components Datasheet Search
  English  ▼

X  

CS4297 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic CS4297 Datasheet HTML 43Page - Cirrus Logic CS4297 Datasheet HTML 44Page - Cirrus Logic CS4297 Datasheet HTML 45Page - Cirrus Logic CS4297 Datasheet HTML 46Page - Cirrus Logic CS4297 Datasheet HTML 47Page - Cirrus Logic CS4297 Datasheet HTML 48Page - Cirrus Logic CS4297 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
CS4205
DS489PP4
45
5.27
S/PDIF Control Register (Index 68h)
SPEN
S/PDIF Enable. The SPEN bit enables S/PDIF data transmission on the SPDO/SDO2 pin.
The SPEN bit routes the left and right channel data from the AC ’97 controller, the digital mix-
er, or the digital effects engine to the S/PDIF transmitter block. The actual data routed to the
S/PDIF block are controlled through the SPDS[1:0]/AMAP/SM[1:0] configuration in the AC
Mode Control Register (Index 5Eh). This bit can only be ‘set’ if the SDO2 bit in the Serial Port
Control Register (Index 6Ah) is ‘0’. If the SDO2 bit is ‘set’, SPEN is a read-only bit and always
returns ‘0’.
Val
Validity. The Val bit is mapped to the V bit (bit 28) of every sub-frame. If this bit is ‘clear’, the
signal is suitable for conversion or processing.
Fs
Sample Rate. The Fs bit indicates the sampling rate for the S/PDIF data. The inverse of this
bit is mapped to bit 25 of the channel status block. When the Fs bit is ‘clear’, the sampling
frequency is 48 kHz. When ‘set’, the sampling frequency is 44.1 kHz. The actual rate at which
S/PDIF data are being transmitted solely depends on the master clock frequency of the
CS4205. The Fs bit is merely an indicator to the S/PDIF receiver.
L
Generation Status. The L bit is mapped to bit 15 of the channel status block. For category
codes 001xxxx, 0111xxx and 100xxxx, a value of ‘0’ indicates original material and a value of
‘1’ indicates a copy of original material. For all other category codes the definition of the L bit
is reversed.
CC[6:0]
Category Code. The CC[6:0] bits are mapped to bits 8-14 of the channel status block.
Emph
Data Emphasis. The Emph bit is mapped to bit 3 of the channel status block. When ‘set’,
50/15 µs filter pre-emphasis is indicated. When is ‘clear’, no pre-emphasis is indicated.
Copy
Copyright. The Copy bit is mapped to bit 2 of the channel status block. If the Copy bit is ‘set’
copyright is not asserted and copying is permitted.
/Audio
Audio / Non-Audio. The /Audio bit is mapped to bit 1 of the channel status block. If the /Audio
bit is ‘clear’, the data transmitted over S/PDIF is assumed to be digital audio. If the /Audio bit
is ‘set’, non-audio data is assumed.
Pro
Professional/Consumer. The Pro bit is mapped to bit 0 of the channel status block. If the Pro
bit is ‘clear’, consumer use of the audio control block is indicated. If the bit is ‘set’, professional
use is indicated.
Default
0000h
For a further discussion of the proper use of the channel status bits see application note AN22: Overview of Digital
Audio Interface Data Structures [3].
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SPEN
Val
0
Fs
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
Emph
Copy /Audio
Pro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com