Electronic Components Datasheet Search
  English  ▼

X  

CS4297A Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 47Page - Cirrus Logic CS4297A Datasheet HTML 48Page - Cirrus Logic CS4297A Datasheet HTML 49Page - Cirrus Logic CS4297A Datasheet HTML 50Page - Cirrus Logic CS4297A Datasheet HTML 51Page - Cirrus Logic CS4297A Datasheet HTML 52Page - Cirrus Logic CS4297A Datasheet HTML 53Page - Cirrus Logic CS4297A Datasheet HTML 54Page - Cirrus Logic CS4297A Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
CS4205
DS489PP4
51
5.35
BIOS-Driver Interface Control Registers (Index 6Eh, Address 0Ch - 0Dh)
E[15:0]
Event Configuration. The E[15:0] bits control the BIOS-Driver Interface mechanism.
Default
0000h
The BDI Config Register (Index 6Eh, Address 0Ch) enables BIOS-Driver communication for each possible event. If a
bit is ‘0’, the corresponding event will not be communicated. If a bit is ‘1’, the corresponding event will be communicated
by asserting the BDI bit in input slot 12. If an event occurs, the BIOS will ‘set’ the corresponding bit in the BDI Status
Register (Index 7Ah). This bit remains ‘set’ until it is cleared by the driver, acknowledging the event has been handled.
This behavior is equivalent to “non-sticky” (level sensitive) GPIO input pins.
The BDI Wakeup Register (Index 6Eh, Address 0Dh) provides a mask for determining if a BDI event will generate a
wakeup or GPIO_INT. If a bit is ‘0’, the corresponding event will not generate an interrupt. If a bit is ‘1’, the corresponding
event will generate an interrupt. Refer to the GPIO Pin Wakeup Mask Register (Index 52h) for details about wakeup
interrupts.
5.36
ZV Port Control/Status Registers (Index 6Eh, Address 0Eh - 0Fh)
ZVEN
ZV Port Input Enable. The ZVEN bit enables the reception of asynchronous serial data on the
ZLRCLK, ZSDATA, and ZSCLK pins. The ZVEN bit routes the left and right channel data from
the ZV Port to the asynchronous SRC (ASRC) and on to the ZV volume control. This bit also func-
tions as a powerdown control for the ASRC. When this bit is ‘cleared’, the ASRC is powered
down. To use the ZV Port and the ASRC, this bit must be ‘set’.
LOCK
ZV Port Locked. When ‘set’, the LOCK read-only bit indicates the ZV Port is receiving valid data
and the receiver has locked on to the data stream. If this bit is ‘cleared’, no valid data are received
on the ZV Port and the ZV input to the digital mixer will be muted.
Ph[24:0]
Phase Increment. The Ph[24:0] bits contain the current Phase Increment used by the ASRC. The
current sample rate can be determined by Fsin = Fsout*Ph/16,777,216, where Fsout is 48 kHz.
For more information on how to use these bits see Section 7, ZV Port.
Default
0000h
5.37
BIOS-Driver Interface Status Register (Index 7Ah)
E[15:0]
Event Status. This register, in conjunction with the BIOS-Driver Interface Control Registers (In-
dex 6Eh, Address 0Ch - 0Dh), controls the BIOS-Driver Interface mechanism.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ZVEN LOCK
0
Ph24
Ph23
Ph22
Ph21
Ph20
Ph19
Ph18
Ph17
Ph16
Ph15
Ph14
Ph13
Ph12
Reserved
Ph11
Ph10
Ph9
Ph8
Ph7
Ph6
Ph5
Ph4
Ph3
Ph2
Ph1
Ph0
Register Address
Function
0Eh
ZV Port Control/Stat 1
0Fh
ZV Port Control/Stat 2
Table 21. ZV Port Control/Status Register Index
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com