Electronic Components Datasheet Search
  English  ▼

X  

CS4297A Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 58Page - Cirrus Logic CS4297A Datasheet HTML 59Page - Cirrus Logic CS4297A Datasheet HTML 60Page - Cirrus Logic CS4297A Datasheet HTML 61Page - Cirrus Logic CS4297A Datasheet HTML 62Page - Cirrus Logic CS4297A Datasheet HTML 63Page - Cirrus Logic CS4297A Datasheet HTML 64Page - Cirrus Logic CS4297A Datasheet HTML 65Page - Cirrus Logic CS4297A Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
CS4205
62
DS489PP4
11. CLOCKING
The CS4205 may be operated as a primary or sec-
ondary codec. As a primary codec, the system
clock for the AC-link may be generated from an ex-
ternal 24.576 MHz clock source, a 24.576 MHz
crystal, or the internal Phase Locked Loop (PLL).
The PLL allows the CS4205 to accept external
clock frequencies other than 24.576 MHz. As a
secondary codec, the system clock is derived from
BIT_CLK, which is generated by the primary co-
dec. The CS4205 uses the presence or absence of a
valid clock on the XTL_IN pin in conjunction with
the state of the ID[1:0]# pins to determine the
clocking configuration. See Table 27 for all avail-
able CS4205 clocking modes.
11.1
PLL Operation (External Clock)
The PLL mode is activated if a valid clock is
present on XTL_IN before the rising edge of
RESET#. Once PLL mode is entered, the
XTL_OUT pin is redefined as the PLL loop filter,
as shown in Figure 23. The ID[1:0]# inputs deter-
mine the configuration of the internal divider ratios
required to generate the 12.288 MHz BIT_CLK
output; see Table 27 on page 63 for additional de-
tails. In PLL mode, the CS4205 is configured as a
primary codec independent of the state of the
ID[1:0]# pins. If 24.576 MHz is chosen as the ex-
ternal clock input (ID[1:0]# inputs both pulled high
or left floating), the PLL is disabled and the clock
is used directly. The loop filter is not required and
XTL_OUT is left unconnected. For all other clock
input choices, the loop filter is required. The
ID[1:0] bits of the Extended Audio ID Register
(Index 28h) and the Extended Modem ID Register
(Index 3Ch) will always report ‘00’ in PLL mode.
11.2
24.576 MHz Crystal Operation
If a valid clock is not present on XTL_IN during
the rising edge of RESET#, the device disables the
PLL input and latches the state of the ID[1:0]# in-
puts. If the ID[1:0]# inputs are both pulled high or
left floating, the device is configured as a primary
codec. An external 24.576 MHz crystal is used as
the system clock as shown in Figure 24.
11.3
Secondary Codec Operation
If a valid clock is not present on XTL_IN and either
ID[1:0]# input is pulled low during the rising edge
of RESET#, the device is determined to be a sec-
ondary codec. The BIT_CLK pin is configured as
an input and the CS4205 is driven from the
12.288 MHz BIT_CLK of the primary codec. The
ID[1:0] bits of the Extended Audio ID Register
(Index 28h) and the Extended Modem ID Register
(Index 3Ch) will report the state of the ID[1:0]#
inputs.
Figure 23. PLL External Loop Filter
XTL_OUT
XTL_IN
2.2 k
Ω
0.022 uF
220 pF
Clock Source
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com