Electronic Components Datasheet Search
  English  ▼

X  

CS5371 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5371_05 Datasheet HTML 1Page - Cirrus Logic CS5371_05 Datasheet HTML 2Page - Cirrus Logic CS5371_05 Datasheet HTML 3Page - Cirrus Logic CS5371_05 Datasheet HTML 4Page - Cirrus Logic CS5371_05 Datasheet HTML 5Page - Cirrus Logic CS5371_05 Datasheet HTML 6Page - Cirrus Logic CS5371_05 Datasheet HTML 7Page - Cirrus Logic CS5371_05 Datasheet HTML 8Page - Cirrus Logic CS5371_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5371
CS5372
Low-power, High-performance
∆Σ Modulators
Features & Description
Fourth-order
∆Σ Architecture
Clock-jitter-tolerant Architecture
Input Voltage: 5 Vpp Fully Differential
High Dynamic Range
127 dB SNR @ 215 Hz BW (2 ms Output)
124 dB SNR @ 430 Hz BW (1 ms Output)
Low Total Harmonic Distortion
-118 dB THD Typical, -112 dB THD Maximum
Low Power Consumption
Normal Mode: 25 mW per Channel
Low-power Mode: 15 mW per Channel
Small Footprint, 24-pin SSOP Package
Single- or Multi-channel System Support
1-channel System: CS5371
2-channel System: CS5372
3-channel System: CS5371 + CS5372
4-channel System: CS5372 + CS5372
Single or Dual Power Supply Configurations
VA+ = +5 V; VA- = 0 V; VD = +3.3 V to +5 V
VA+ = +2.5 V;VA- = -2.5 V;VD = +3.3 V
Description
The CS5371 and CS5372 are one- and two-channel,
high dynamic range, fourth-order
∆Σ modulators intend-
ed for geophysical and sonar applications. Used in
combination with the CS5376A or CS5378 digital filters,
a unique high-resolution A/D measurement system
results.
The CS5371 and CS5372 have high dynamic range
(127 dB @ 215 Hz bandwidth) and low total harmonic
distortion (typically -118 dB THD), with very low power
consumption
per
channel.
In
normal
mode
(LPWR=0, MCLK=2.048MHz), power consumption is
25 mW
per
channel,
and
in
low-power
mode
(LPWR=1, MCLK=1.024MHz), power consumption is
15 mW per channel. Each modulator can be indepen-
dently powered down to 1 mW per channel, and by
halting the input clock, they will enter a micropower state
using only 10 µW per channel.
The modulators generate an oversampled serial bit
stream at 512 kbits per second when operated from a
clock frequency of 2.048 MHz. They are available in a
small 24-pin SSOP package, providing exceptional per-
formance in a very small footprint.
ORDERING INFORMATION
See page 21.
INF1+
VA+
4TH ORDER
INR1+
INR1-
VREF+
VREF-
MDATA2
MSYNC
MCLK
PWDN1
VD
∆−Σ MODULATOR
INF1-
PWDN2
INF2+
4TH ORDER
INR2+
INR2-
∆−Σ MODULATOR
INF2-
OFST LPWR
DGND
MFLAG2
CLOCK
GENERATOR
MDATA1
MFLAG1
VA-
INF+
VA+
4TH ORDER
INR+
INR-
VREF+
VREF-
MSYNC
MCLK
PWDN
VD
∆−Σ MODULATOR
INF-
OFST LPWR
DGND
CLOCK
GENERATOR
MDATA
MFLAG
VA-
CS5371
CS5372
OCT ‘05
DS255F3


Similar Part No. - CS5371_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371-BS CIRRUS-CS5371-BS Datasheet
366Kb / 22P
LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
Low-power, High-performance Modulators
CS5371A CIRRUS-CS5371A Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
CS5371A-ISZ CIRRUS-CS5371A-ISZ Datasheet
534Kb / 32P
Low-power, High-performance Modulators
CS5371A-ISZ CIRRUS-CS5371A-ISZ Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
More results

Similar Description - CS5371_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
LOW POWER HIGH PERFORMANCE MODULATORS
logo
Asahi Kasei Microsystem...
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
Low Power & Small Package 16bit ?誇 CODEC
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
Low-power, High-performance Modulators
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
Low Power 16bit ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
Super High Performance 192kHz 24-Bit ?誇 ADC
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
Dual High-performance Amplifier & ?誇 Modulator
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
Dual High-performance Amplifier & ?誇 Modulator
logo
Asahi Kasei Microsystem...
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
Low Power 16bit ?誇 ADC
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com