Electronic Components Datasheet Search
  English  ▼

X  

CS5371 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5371_05 Datasheet HTML 1Page - Cirrus Logic CS5371_05 Datasheet HTML 2Page - Cirrus Logic CS5371_05 Datasheet HTML 3Page - Cirrus Logic CS5371_05 Datasheet HTML 4Page - Cirrus Logic CS5371_05 Datasheet HTML 5Page - Cirrus Logic CS5371_05 Datasheet HTML 6Page - Cirrus Logic CS5371_05 Datasheet HTML 7Page - Cirrus Logic CS5371_05 Datasheet HTML 8Page - Cirrus Logic CS5371_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CS5371 CS5372
DS255F3
3
1. CHARACTERISTICS & SPECIFICATIONS
ANALOG CHARACTERISTICS Notes:T
A = -40 C to +85 C; VA+ = 5V or 2.5V ± 5%; VA - = 0V or
-2.5V ± 5%; VD = 5V or 3.3V ± 5%; DGND = 0V; MCLK = 2.048 MHz; [(VREF+) - (VREF-)] = 2.5V;
Devices are connected as shown in Figure 3, the System Connection Diagram.
Notes: 1. Dynamic Range defined as 20 log [ (RMS full scale) / (RMS idle noise) ]
2. Tested with full-scale input signal of 31.25 Hz; OWR = 1000 SPS; OFST = 1.
3. Specification is for the parameter over the specified temperature range for the CS5371/72 devices only
and does not include the effects of external components.
4. Specifications are guaranteed by design and/or characterization.
5. The offset after calibration specification applies to the effective offset voltage for a full-scale input to the
CS5371/72 modulator, but is measured from the output digital codes from the digital filter.
6. The CS5371/72 offset calibration is performed digitally and includes the full-scale range.
Parameter
Symbol
CS5371-BS / CS5372-BS
Unit
Min
Typ
Max
Specified Temperature Range
TA
-40
-
+85
C
Dynamic Performance
Dynamic Range
(Note 1)
LPWR = 0
0 Hz to 1720 Hz
MCLK = 2.048 MHz
0 Hz to 860 Hz
0 Hz to 430 Hz
0 Hz to 215 Hz
0 Hz to 107.5 Hz
0 Hz to 53.75 Hz
0 Hz to 26.875 Hz
SNR
-
-
121
-
-
-
-
109
121
124
127
130
133
136
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Dynamic Range
(Note 1)
LPWR = 1
0 Hz to 1720 Hz
MCLK = 1.024 MHz
0 Hz to 860 Hz
0 Hz to 430 Hz
0 Hz to 215 Hz
0 Hz to 107.5 Hz
0 Hz to 53.75 Hz
0 Hz to 26.875 Hz
SNRLP
-
-
118
-
-
-
-
106
118
121
124
127
130
133
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion
(Note 2)
LPWR = 0; MCLK = 2.048 MHz
THD
-
-118
-112
dB
Total Harmonic Distortion
(Note 2)
LPWR = 1; MCLK = 1.024 MHz
THDLP
--114
-108
dB
DC Accuracy
Channel to Channel Gain Variation (Note 3)
CGV
-
1
-
%
Full-scale Drift
(Notes 3 and 4)
TCFS
-5
-
ppm/C
Offset
(Note 3)
VZSE
-1
-
mV
Offset after Calibration
(Note 5)
-
±1
-
µV
Offset Calibration Range
(Note 6)
-
100
-
%F.S.
Offset Drift
(Notes 3 and 4) TCZSE
-1
-
µV/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com