Electronic Components Datasheet Search
  English  ▼

X  

CS5461-IS Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5461-IS
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461-IS Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5461-IS Datasheet HTML 18Page - Cirrus Logic CS5461-IS Datasheet HTML 19Page - Cirrus Logic CS5461-IS Datasheet HTML 20Page - Cirrus Logic CS5461-IS Datasheet HTML 21Page - Cirrus Logic CS5461-IS Datasheet HTML 22Page - Cirrus Logic CS5461-IS Datasheet HTML 23Page - Cirrus Logic CS5461-IS Datasheet HTML 24Page - Cirrus Logic CS5461-IS Datasheet HTML 25Page - Cirrus Logic CS5461-IS Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
CS5461
22
DS546F2
Step H3 - Clear the Status Register by writing
back the read value in step H0.
Step H4 - Re-enable interrupts.
Step H5 - Return from interrupt service routine.
This handshaking procedure insures that any
new interrupts activated between steps H0 and
H3 are not lost (cleared) by step H3.
4.9.2 INT Active State
The behavior of the INT pin is controlled by the
IMODE and IINV bits of the Configuration Regis-
ter. The pin can be active low (default), active high,
active on a return to logic 0 (pulse-low), or active
on a return to logic 1 (pulse-high). If the interrupt
output signal format is set for either pulse-high or
pulse-low, the duration of the INT pulse will be at
least one DCLK cycle (DCLK = MCLK / K).
4.10 Voltage Sag-Detect Feature
The CS5461 includes Status Register bit, VSAG;
which indicates a sag in the power line voltage.
In order for sag condition to be identified, the mea-
sured VRMS must remain below a set sag threshold
level for a specified period of time.
To activate this feature, a voltage threshold value
must be specified in the Voltage Sag Level Register
(VSAGLevel); and a time-duration must be specified
in the Voltage Sag Duration Register (VSAGDura-
tion
). This Time Duration is specified in terms of
A/D cycles.
If VRMS is measured below the level specified in
the VSAGLevel Register for a duration of time great-
er than or equal to the number of A/D conversions
specified in the VSAGDuration Register, then the
VSAG bit in the Status Register will be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com