Electronic Components Datasheet Search
  English  ▼

X  

CS5461-IS Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5461-IS
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461-IS Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5461-IS Datasheet HTML 28Page - Cirrus Logic CS5461-IS Datasheet HTML 29Page - Cirrus Logic CS5461-IS Datasheet HTML 30Page - Cirrus Logic CS5461-IS Datasheet HTML 31Page - Cirrus Logic CS5461-IS Datasheet HTML 32Page - Cirrus Logic CS5461-IS Datasheet HTML 33Page - Cirrus Logic CS5461-IS Datasheet HTML 34Page - Cirrus Logic CS5461-IS Datasheet HTML 35Page - Cirrus Logic CS5461-IS Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
CS5461
32
DS546F2
port, any of the following actions can be per-
formed:
1) Drive the CS pin low [or if CS pin is already
low, drive the pin high, then back to low].
2) Hardware Reset (drive RESET pin low, for at
least 10 µs).
3) Issue the Serial Port Initialization Sequence,
which is performed by clocking 3 (or more)
SYNC1 command bytes (0xFF) followed by
one SYNC0 command byte (0xFE).
6.6 CS5461 Power States
Active state denotes the operation of CS5461 when
the device is fully powered on (not in sleep state or
stand-by state). To insure that the CS5461 is oper-
ating in the active state; perform one of the three
actions below:
1) Power on the CS5461. (Or if the device is al-
ready powered on, recycle the power.)
2) Software Reset
3) Hardware Reset
If the device is in sleep state or in stand-by state, is-
suing the Power-Up/Halt command will also insure
that the device is in active state. In order to send the
Power-Up/Halt command to the device, the serial
port must be initialized. Therefore, after applying
power to the CS5461, a hardware reset should al-
ways be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com