Electronic Components Datasheet Search
  English  ▼

X  

BC848 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BC848
Description  30 V, 100 mA NPN general-purpose transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC848 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BC848 Datasheet HTML 3Page - NXP Semiconductors BC848 Datasheet HTML 4Page - NXP Semiconductors BC848 Datasheet HTML 5Page - NXP Semiconductors BC848 Datasheet HTML 6Page - NXP Semiconductors BC848 Datasheet HTML 7Page - NXP Semiconductors BC848 Datasheet HTML 8Page - NXP Semiconductors BC848 Datasheet HTML 9Page - NXP Semiconductors BC848 Datasheet HTML 10Page - NXP Semiconductors BC848 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BC848_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
7 of 12
NXP Semiconductors
BC848 series
30 V, 100 mA NPN general-purpose transistors
10. Soldering
Dimensions in mm
Fig 7.
Reflow soldering footprint SOT23 (TO-236AB)
Dimensions in mm
Fig 8.
Wave soldering footprint SOT23 (TO-236AB)
MSA439
1.00
0.60
(3x)
1.30
1
2
3
2.50
3.00
0.85
2.70
2.90
0.50 (3x)
0.60 (3x)
3.30
0.85
solder lands
solder resist
occupied area
solder paste
MSA427
4.00
4.60
2.80
4.50
1.20
3.40
3
21
1.20 (2x)
preferred transport direction during soldering
solder lands
solder resist
occupied area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com