Electronic Components Datasheet Search
  English  ▼

X  

BC848 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC848
Description  30 V, 100 mA NPN general-purpose transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC848 Datasheet(HTML) 1 Page - NXP Semiconductors

  BC848 Datasheet HTML 1Page - NXP Semiconductors BC848 Datasheet HTML 2Page - NXP Semiconductors BC848 Datasheet HTML 3Page - NXP Semiconductors BC848 Datasheet HTML 4Page - NXP Semiconductors BC848 Datasheet HTML 5Page - NXP Semiconductors BC848 Datasheet HTML 6Page - NXP Semiconductors BC848 Datasheet HTML 7Page - NXP Semiconductors BC848 Datasheet HTML 8Page - NXP Semiconductors BC848 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistors in Surface Mounted Device (SMD) plastic packages.
1.2 Features
General-purpose transistors
SMD plastic packages
1.3 Applications
General-purpose switching and amplification
1.4 Quick reference data
BC848 series
30 V, 100 mA NPN general-purpose transistors
Rev. 07 — 17 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP
complement
NXP
JEITA
JEDEC
BC848B
SOT23
-
TO-236AB
BC858B
BC848W
SOT323
SC-70
-
BC858W
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
30
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =5 V;
IC =2mA
BC848B
200
290
450
BC848W
110
-
800


Similar Part No. - BC848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC848 GE-BC848 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC848 AUK-BC848 Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
logo
Infineon Technologies A...
BC848 INFINEON-BC848 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
More results

Similar Description - BC848

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC846B.215 NXP-BC846B.215 Datasheet
404Kb / 14P
65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
45 V, 100 mA NPN general-purpose transistors
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
BC848_SER NEXPERIA-BC848_SER Datasheet
1Mb / 12P
30 V, 100 mA NPN general-purpose transistors
Rev. 07 - 17 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com