Electronic Components Datasheet Search
  English  ▼

X  

BC856AW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC856AW
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856AW Datasheet(HTML) 3 Page - NXP Semiconductors

  BC856AW Datasheet HTML 1Page - NXP Semiconductors BC856AW Datasheet HTML 2Page - NXP Semiconductors BC856AW Datasheet HTML 3Page - NXP Semiconductors BC856AW Datasheet HTML 4Page - NXP Semiconductors BC856AW Datasheet HTML 5Page - NXP Semiconductors BC856AW Datasheet HTML 6Page - NXP Semiconductors BC856AW Datasheet HTML 7Page - NXP Semiconductors BC856AW Datasheet HTML 8Page - NXP Semiconductors BC856AW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2002 Feb 04
3
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856W; BC857W; BC858W
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Note
1.
Refer to SOT323 standard mounting conditions.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOT323 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC856W
−
−80
V
BC857W
−
−50
V
BC858W
−
−30
V
VCEO
collector-emitter voltage
open base
BC856W
−
−65
V
BC857W
−
−45
V
BC858W
−
−30
V
VEBO
emitter-base voltage
open collector
−
−5
V
IC
collector current (DC)
−
−100
mA
ICM
peak collector current
−
−200
mA
IBM
peak base current
−
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
in free air; note 1
625
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com