Electronic Components Datasheet Search
  English  ▼

X  

BC856AW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC856AW
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856AW Datasheet(HTML) 4 Page - NXP Semiconductors

  BC856AW Datasheet HTML 1Page - NXP Semiconductors BC856AW Datasheet HTML 2Page - NXP Semiconductors BC856AW Datasheet HTML 3Page - NXP Semiconductors BC856AW Datasheet HTML 4Page - NXP Semiconductors BC856AW Datasheet HTML 5Page - NXP Semiconductors BC856AW Datasheet HTML 6Page - NXP Semiconductors BC856AW Datasheet HTML 7Page - NXP Semiconductors BC856AW Datasheet HTML 8Page - NXP Semiconductors BC856AW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2002 Feb 04
4
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856W; BC857W; BC858W
CHARACTERISTICS
Tamb = 25 °C; unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE = 0
−
−1
−15
nA
VCB = −30 V; IE = 0;
Tj = 150 °C
−
−
−4
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−
−
−100
nA
hFE
DC current gain
IC = −2 mA; VCE = −5 V
BC856W
125
−
475
BC857W; BC858W
125
−
800
BC856AW; BC857AW
125
−
250
BC856BW; BC857BW
220
−
475
BC857CW
420
−
800
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA −
−75
−300
mV
IC = −100 mA; IB = −5 mA;
note 1
−
−250
−600
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA −
−700
−
mV
IC = −100 mA; IB = −5 mA;
note 1
−
−850
−
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V
−600
−650
−750
mV
IC = −10 mA; VCE = −5 V
−
−
−820
mV
Cc
collector capacitance
VCB = −10 V; IE = Ie = 0;
f = 1 MHz
−
−
3
pF
Ce
emitter capacitance
VEB = −0.5 V; IC = Ic = 0;
f = 1 MHz
−
−
12
pF
fT
transition frequency
VCE = −5 V; IC = −10 mA;
f = 100 MHz
100
−
−
MHz
F
noise figure
IC = −200 μA; VCE = −5 V;
RS = 2 kΩ; f = 1 kHz;
B = 200 Hz
−
−
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com