Electronic Components Datasheet Search
  English  ▼

X  

CS8422 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 11Page - Cirrus Logic CS8422 Datasheet HTML 12Page - Cirrus Logic CS8422 Datasheet HTML 13Page - Cirrus Logic CS8422 Datasheet HTML 14Page - Cirrus Logic CS8422 Datasheet HTML 15Page - Cirrus Logic CS8422 Datasheet HTML 16Page - Cirrus Logic CS8422 Datasheet HTML 17Page - Cirrus Logic CS8422 Datasheet HTML 18Page - Cirrus Logic CS8422 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
DS692F1
15
CS8422
DC ELECTRICAL CHARACTERISTICS
AGND = DGND = 0 V; all voltages with respect to 0 V.
Notes:
3. Power-Down Mode is defined as RST = LOW with all clocks and data lines held static and no crystal
attached across XTI - XTO.
4. Normal operation is defined as RST = HIGH. The typical values shown were measured with the digital
interface receiver in differential mode, serial audio output port 1 in master mode sourced by the SRC,
and serial audio output port 2 in master mode sourced by the AES3 receiver output.
Parameter
Min
Typ
Max
Units
Power-Down Mode (Note 3)
Supply Current in power down
VA
V_REG
VL = 1.8 V
VL = 2.5 V
VL = 3.3 V
VL = 5.0 V
-
-
-
-
-
-
4.7
1
0.3
7.1
16.9
102.6
-
-
-
-
-
-
µA
µA
µA
µA
µA
µA
Normal Operation (Note 4)
Supply Current at 48 kHz Fsi and Fso
VA
V_REG
VL = 1.8 V
VL = 2.5 V
VL = 3.3 V
VL = 5.0 V
-
-
-
-
-
-
18.8
15.2
2.7
3.8
5.2
5.3
-
-
-
-
-
-
mA
mA
mA
mA
mA
mA
Supply Current at 192 kHz Fsi and Fso
VA
V_REG
VL = 1.8 V
VL = 2.5 V
VL = 3.3 V
VL = 5.0 V
-
-
-
-
-
-
18.9
32.4
6.2
8.8
12
18
-
-
-
-
-
-
mA
mA
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com