Electronic Components Datasheet Search
  English  ▼

X  

BC869 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BC869
Description  PNP medium power transistor; 20 V, 1 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC869 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BC869 Datasheet HTML 3Page - NXP Semiconductors BC869 Datasheet HTML 4Page - NXP Semiconductors BC869 Datasheet HTML 5Page - NXP Semiconductors BC869 Datasheet HTML 6Page - NXP Semiconductors BC869 Datasheet HTML 7Page - NXP Semiconductors BC869 Datasheet HTML 8Page - NXP Semiconductors BC869 Datasheet HTML 9Page - NXP Semiconductors BC869 Datasheet HTML 10Page - NXP Semiconductors BC869 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2004 Nov 08
8
NXP Semiconductors
Product data sheet
PNP medium power transistor;
20 V, 1 A
BC869
handbook, halfpage
0
(5)
(7)
IC
(A)
VCE (V)
−2.4
−2.0
−1.6
−1.2
−0.8
−0.4
0
−1
−5
−2
−3
−4
MLE313
(8)
(10)
(6)
(9)
(2)
(1)
(4)
(3)
Fig.9
Collector current as a function of
collector-emitter voltage; typical values.
BC869-25.
(1) IB = −12 mA.
(2) IB = −10.8 mA.
(3) IB = −9.6 mA.
(4) IB = −8.4 mA.
(5) IB = −7.2 mA.
(6) IB = −6.0 mA.
(7) IB = −4.8 mA.
(8) IB = −3.6 mA.
(9) IB = −2.4 mA.
(10) IB = −1.2 mA.
handbook, halfpage
−10−1
−1
MLE318
−10−4
−10−3
−10−2
−10−1
−1
−10
IC (A)
VBE
(V)
Fig.10 Base-emitter voltage as function of collector
current; typical values.
BC869-25.
VCE = −1 V.
handbook, halfpage
102
103
MLE315
−10−4
−10−3
−10−2
−10−1
−1
−10
IC (mA)
hFE
Fig.11 DC current gain as a function of collector
current; typical values.
BC869-25.
VCE = −1 V.
handbook, halfpage
MLE316
−10−3
−10−2
−10−1
−1
−10−4
−10−3
−10−2
−10−1
IC (A)
VCEsat
(V)
−1
−10
Fig.12 Collector-emitter saturation voltage as a
function of collector current; typical values.
BC869-25.
IC/IB = 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com