Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5484 Datasheet HTML 1Page - Texas Instruments ADS5484 Datasheet HTML 2Page - Texas Instruments ADS5484 Datasheet HTML 3Page - Texas Instruments ADS5484 Datasheet HTML 4Page - Texas Instruments ADS5484 Datasheet HTML 5Page - Texas Instruments ADS5484 Datasheet HTML 6Page - Texas Instruments ADS5484 Datasheet HTML 7Page - Texas Instruments ADS5484 Datasheet HTML 8Page - Texas Instruments ADS5484 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
fIN − Input Frequency − MHz
60
70
80
90
100
0
50
100
150
200
250
300
G001
170 MSPS, No Dither
170 MSPS, Dither Enabled
200 MSPS, No Dither
200 MSPS, Dither Enabled
fIN − Input Frequency − MHz
70
71
72
73
74
75
76
77
78
0
50
100
150
200
250
300
G002
200 MSPS, Dither Enabled
170 MSPS, Dither Enabled
170 MSPS, No Dither
200 MSPS, No Dither
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
16-Bit, 170/200-MSPS Analog-to-Digital Converters
Check for Samples: ADS5484 ADS5485
1
FEATURES
APPLICATIONS
•
Wireless Infrastructure
23
•
170/200-MSPS Sample Rates
•
Test and Measurement Instrumentation
•
16-Bit Resolution, 78 dBFS Noise Floor
•
Software-Defined Radio
•
SFDR = 95 dBc
•
Data Acquisition
•
On-Chip High Impedance Analog Buffer
•
Power Amplifier Linearization
•
Efficient DDR LVDS-Compatible Outputs
•
Radar
•
Power-Down Mode: 70 mW
•
Medical Imaging
•
Pin-for-Pin with ADS5483/5482/5481,
135/105/80-MSPS ADCs
•
QFN-64 PowerPAD™ Package
(9 mm × 9 mm footprint)
•
Industrial Temperature Range:
–40°C to 85°C
DESCRIPTION
The ADS5484/ADS5485 (ADS548x) is a 16-bit family of analog-to-digital converters (ADCs) that operate from
both a 5-V supply and 3.3-V supply while providing LVDS-compatible digital outputs. The ADS548x integrated
analog input buffer isolates the internal switching of the onboard track and hold (T & H) from disturbing the signal
source while providing a high-impedance input. An internal reference generator is provided to simplify the system
design. Internal dither is available to improve SFDR. These devices are drop-in compatible to the
ADS5483/5482/5481, creating a pin-compatible family from 80 – 200 MSPS. Designed for highest total ENOB,
the ADS548x family has outstanding low noise performance and spurious-free dynamic range.
The ADS548x family is available in a QFN-64 PowerPAD package. The devices are built on Texas Instruments
complementary bipolar process (BiCom3) and are specified over the full industrial temperature range (–40°C to
85°C).
SFDR
SNR
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484 TI-ADS5484 Datasheet
1Mb / 33P
16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484 Datasheet
1Mb / 37P
16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGC25 TI-ADS5484IRGC25 Datasheet
1Mb / 37P
16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGCR TI-ADS5484IRGCR Datasheet
1Mb / 33P
16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGCR TI-ADS5484IRGCR Datasheet
1Mb / 37P
16-Bit, 170/200-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5484

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
logo
Texas Instruments
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484 Datasheet
1Mb / 33P
16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484_2 Datasheet
1Mb / 37P
16-Bit, 170/200-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com