Electronic Components Datasheet Search
  English  ▼

X  

969 Datasheet(PDF) 1 Page - 3M Electronics

Part # 969
Description  3M™ Shunt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

969 Datasheet(HTML) 1 Page - 3M Electronics

  969 Datasheet HTML 1Page - 3M Electronics 969 Datasheet HTML 2Page - 3M Electronics 969 Datasheet HTML 3Page - 3M Electronics 969 Datasheet HTML 4Page - 3M Electronics 969 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M™ Shunt
2.54 mm
969 Series
Open type
•
See Regulatory Information Appendix for chemical
•
compliance information
Date Modified: February 16, 2009
TS-2186-C
Sheet 1 of 2
Physical
Insulation
Material: PBT Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 1.25–2.5 µm [50–100 µ’’] Nickel
Wiping Area: 0.1 µm [4 µ’’] Gold
Electrical
Current Rating: 2 A
Insulation Resistance: > 5 x 108 Ohm at 100 V
DC
Withstanding Voltage: 1000 V
DC
Environmental
Temperature Range: -25 °C to +105 °C
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center


Similar Part No. - 969

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
969 WECO-969 Datasheet
62Kb / 1P
PCB connector Screw connection, large conductor space
11.17
logo
Agilent(Hewlett-Packard...
969-9232 HP-969-9232 Datasheet
680Kb / 3P
Agilent TwisTorr 84 FS
969-9232 HP-969-9232 Datasheet
619Kb / 3P
Agilent Quality Assured
969-9236 HP-969-9236 Datasheet
680Kb / 3P
Agilent TwisTorr 84 FS
969-9236 HP-969-9236 Datasheet
619Kb / 3P
Agilent Quality Assured
More results

Similar Description - 969

ManufacturerPart #DatasheetDescription
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com