Electronic Components Datasheet Search
  English  ▼

X  

969 Datasheet(PDF) 2 Page - 3M Electronics

Part # 969
Description  3M™ Shunt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

969 Datasheet(HTML) 2 Page - 3M Electronics

  969 Datasheet HTML 1Page - 3M Electronics 969 Datasheet HTML 2Page - 3M Electronics 969 Datasheet HTML 3Page - 3M Electronics 969 Datasheet HTML 4Page - 3M Electronics 969 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Shunt
2.54 mm
969 Series
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center
Ordering Information
TS-2186-C
Sheet 2 of 2
Tolerance Unless Noted [mm]
Nominal Size
0.5–3
3–6
6–30
30–120
Linear Dim
+/- 0.1
+/- 0.1
+/- 0.2
+/- 0.3
Radii
+/- 0.2
+/- 0.5
+/- 1
+/- 1
969102
0000
DA
Plating:
DA = Au 0.1 µm [4 µ’’]
Ref Appendix E1 & C1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com