Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA378_2 Datasheet HTML 13Page - Texas Instruments OPA378_2 Datasheet HTML 14Page - Texas Instruments OPA378_2 Datasheet HTML 15Page - Texas Instruments OPA378_2 Datasheet HTML 16Page - Texas Instruments OPA378_2 Datasheet HTML 17Page - Texas Instruments OPA378_2 Datasheet HTML 18Page - Texas Instruments OPA378_2 Datasheet HTML 19Page - Texas Instruments OPA378_2 Datasheet HTML 20Page - Texas Instruments OPA378_2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
OPA378
C
600pF
4
R
100kW
3
OPA378
C
110pF
7
R
100kW
5
C
470nF
6
C
10 F
m
5
R
4
10kW
R
2
10kW
+5V
+5V
C
1 F
m
3
C
10 F
m
2
V
BIAS2
V
BIAS1
Mic
Output
Mic
Bias
C
33pF
1
Out
Gnd
DigitalStethoscope
MicrophoneOutput
Electret
Microphone
Element
with
InternalFET
2.2kW
OPA378
OPA2378
www.ti.com
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
Figure 38. Digital Stethoscope Circuit
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com