Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA378_2 Datasheet HTML 17Page - Texas Instruments OPA378_2 Datasheet HTML 18Page - Texas Instruments OPA378_2 Datasheet HTML 19Page - Texas Instruments OPA378_2 Datasheet HTML 20Page - Texas Instruments OPA378_2 Datasheet HTML 21Page - Texas Instruments OPA378_2 Datasheet HTML 22Page - Texas Instruments OPA378_2 Datasheet HTML 23Page - Texas Instruments OPA378_2 Datasheet HTML 24Page - Texas Instruments OPA378_2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA2378AIDCNR
SOT-23
DCN
8
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
OPA2378AIDCNT
SOT-23
DCN
8
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
OPA378AIDBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
OPA378AIDBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
OPA378AIDCKR
SC70
DCK
5
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
OPA378AIDCKT
SC70
DCK
5
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Oct-2009
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com