Electronic Components Datasheet Search
  English  ▼

X  

PTH05050WAS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH05050WAS Datasheet HTML 10Page - Texas Instruments PTH05050WAS Datasheet HTML 11Page - Texas Instruments PTH05050WAS Datasheet HTML 12Page - Texas Instruments PTH05050WAS Datasheet HTML 13Page - Texas Instruments PTH05050WAS Datasheet HTML 14Page - Texas Instruments PTH05050WAS Datasheet HTML 15Page - Texas Instruments PTH05050WAS Datasheet HTML 16Page - Texas Instruments PTH05050WAS Datasheet HTML 17Page - Texas Instruments PTH05050WAS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.ti.com
N = Number of Track pins connected together
# RTRK = 100 Ω / N
RSET
710
Ω
RSET
5.49 k
Ω
RTRK #
50
Ω
Vo
1 = 3.3 V
C
O1
+
+
PTH05050W
5
6
3
4
2
Track
V
I
V
O
GND
Inhibit
1
Adjust
Vo
2 = 1.8 V
C
O2
+
+
PTH05060W
7
10
4
5
6
2
3
9
8
Track
V
I
V
O
GND
Inhibit
1
Up
Dn
Sense
Adjust
U1
U2
+5 V
V
CC
GND
SENSE
MR
CT
RESET
6
5
3
4
1
2
TPS3808G50
C3
4700 pF
U3
C4
0.1
µF
CI1
CI2
t − Time − 20 ms/div
VTRK (1 V/div)
V01 (1 V/div)
V02 (1 V/div)
t − Time − 200
µs/div
VTRK (1 V/div)
V01 (1 V/div)
V02 (1 V/div)
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
Figure 10. Sequenced Power Up and Power Down Using Auto-Track
Figure 11. Simultaneous Power Up With Auto-Track
Figure 12. Simultaneous Power Down With Auto-Track
Control
Control
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com