Electronic Components Datasheet Search
  English  ▼

X  

PTH05050WAS Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTH05050WAS Datasheet HTML 11Page - Texas Instruments PTH05050WAS Datasheet HTML 12Page - Texas Instruments PTH05050WAS Datasheet HTML 13Page - Texas Instruments PTH05050WAS Datasheet HTML 14Page - Texas Instruments PTH05050WAS Datasheet HTML 15Page - Texas Instruments PTH05050WAS Datasheet HTML 16Page - Texas Instruments PTH05050WAS Datasheet HTML 17Page - Texas Instruments PTH05050WAS Datasheet HTML 18Page - Texas Instruments PTH05050WAS Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.ti.com
Pre-Bias Startup Capability
Vo= 2.5 V
VIN = 3.3 V
R2
2k21
ASIC
VCORE
VCCIO
Io
PTH03010W
1
10
4
5
6
2
3
9
Track
VIN
VO
GND
Inhibit
7
Vadj
Sense
+
CIN
330 mF
+
COUT
330 mF
+
8
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
Only selected products in the PTH family incorporate this capability. Consult Table 4 to identify which products
are compliant.
A pre-bias startup condition occurs as a result of an external voltage being present at the output of a power
module prior to its output becoming active. This often occurs in complex digital systems when current from
another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC. Another
path might be via clamp diodes as part of a dual-supply power-up sequencing arrangement. A prebias can
cause problems with power modules that incorporate synchronous rectifiers. This is because under most
operating conditions, these types of modules can sink as well as source output current.
The PTH family of power modules incorporate synchronous rectifiers, but will not sink current during startup(1), or
whenever the Inhibit pin is held low. However, to ensure satisfactory operation of this function, certain conditions
must be maintained(2). Figure 13 shows an application demonstrating the pre-bias startup capability. The startup
waveforms are shown in Figure 14. Note that the output current from the PTH03010W (IO) shows negligible
current until its output voltage rises above that backfed through the ASIC's intrinsic diodes.
Note: The pre-bias start-up feature is not compatible with Auto-Track. When the module is under Auto-Track
control, it will sink current if the output voltage is below that of a back-feeding source. To ensure a pre-bias
hold-off one of two approaches must be followed when input power is applied to the module. The Auto-Track
function must either be disabled(3), or the module's output held off (for at least 50 ms) using the Inhibit pin.
Either approach ensures that the Track pin voltage is above the set-point voltage at start up.
Notes:
1. Startup includes the short delay (approximately 10 ms) prior to the output voltage rising, followed by the
rise of the output voltage under the module's internal soft-start control. Startup is complete when the
output voltage has risen to either the set-point voltage or the voltage at the Track pin, whichever is
lowest.
2. To ensure that the regulator does not sink current when power is first applied (even with a ground signal
applied to the Inhibit control pin), the input voltage must always be greater than the output voltage
throughout the power-up and power-down sequence.
3. The Auto-Track function can be disabled at power up by immediately applying a voltage to the module's
Track pin that is greater than its set-point voltage. This can be easily accomplished by connecting the
Track pin to VI.
Figure 13. Application Circuit Demonstrating Pre-Bias Startup
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com