Electronic Components Datasheet Search
  English  ▼

X  

PCF2127A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF2127A
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF2127A Datasheet HTML 17Page - NXP Semiconductors PCF2127A Datasheet HTML 18Page - NXP Semiconductors PCF2127A Datasheet HTML 19Page - NXP Semiconductors PCF2127A Datasheet HTML 20Page - NXP Semiconductors PCF2127A Datasheet HTML 21Page - NXP Semiconductors PCF2127A Datasheet HTML 22Page - NXP Semiconductors PCF2127A Datasheet HTML 23Page - NXP Semiconductors PCF2127A Datasheet HTML 24Page - NXP Semiconductors PCF2127A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
21 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
8.6.3 Battery low detection function
The PCF2127A has a battery low detection circuit which monitors the status of the battery
VBAT.
When VBAT drops below the threshold value Vth(bat)low (typically 2.5 V) the BLF flag
(register Control_3) is set to indicate that the battery is low and that it must be replaced.
Monitoring of the battery voltage also occurs during battery operation.
An unreliable battery cannot prevent that the supply voltage drops below Vlow (typical
1.2 V) and therewith the data integrity gets lost.
When VBAT drops below the threshold value Vth(bat)low, the following sequence occurs (see
Figure 8):
1. The battery low flag BLF is set logic 1.
2. An interrupt is generated if the control bit BLIE (register Control_3) is enabled
(see Section 8.13.8).
3. The flag BLF remains logic 1 until the battery is replaced. BLF cannot be cleared
using the interface. It is cleared automatically by the battery low detection circuit when
the battery is replaced.
Fig 7.
Typical driving capability of VBBS: (VBBS − VDD) with respect to the output load
current IBBS
IBBS (mA)
0
8
6
4
2
001aaj327
−400
−600
−200
0
VBBS − VDD
(mV)
−800
VDD = 4.2 V
VDD = 3 V
VDD = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com