Electronic Components Datasheet Search
  English  ▼

X  

PCF2127A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF2127A
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF2127A Datasheet HTML 35Page - NXP Semiconductors PCF2127A Datasheet HTML 36Page - NXP Semiconductors PCF2127A Datasheet HTML 37Page - NXP Semiconductors PCF2127A Datasheet HTML 38Page - NXP Semiconductors PCF2127A Datasheet HTML 39Page - NXP Semiconductors PCF2127A Datasheet HTML 40Page - NXP Semiconductors PCF2127A Datasheet HTML 41Page - NXP Semiconductors PCF2127A Datasheet HTML 42Page - NXP Semiconductors PCF2127A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
39 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
When the countdown timer flag CDTF is set, an interrupt signal on INT will be generated
provided that this mode is enabled. See Section 8.13.2 for details on how the interrupt can
be controlled.
When starting the countdown timer for the first time, only the first period will not have a
fixed duration. The amount of inaccuracy for the first timer period will depend on the
chosen source clock, see Table 38.
At the end of every countdown, the timer sets the countdown timer flag (CDTF). CDTF
may only be cleared by software. The asserted CDTF can be used to generate an
interrupt (INT). The interrupt may be generated as a pulsed signal every countdown
period or as a permanently active signal which follows the condition of CDTF. TI_TP is
used to control this mode selection. The interrupt output may be disabled with the CDTIE
bit, see Table 6.
When reading the timer, the actual countdown value is returned and not the initial value n.
Since it is not possible to freeze the countdown timer counter during read back, it is
recommended to read the register twice and check for consistent results.
8.11.5 Pre-defined timers: second and minute interrupt
PCF2127A has two pre-defined timers which are used to generate an interrupt either once
per second or once per minute. The pulse generator for the minute or second interrupt
operates from an internal 64 Hz clock. It is independent of the watchdog or countdown
timers. Each of these timers can be enabled by the bits SI (second interrupt) and MI
(minute interrupt) in register Control_1.
8.11.6 Clearing flags
The flags MSF, CDTF, AF and TSFx can be cleared by using the interface. To prevent one
flag being overwritten while clearing another, a logic AND is performed during the write
access. A flag is cleared by writing logic 0 whilst a flag is not cleared by writing logic1.
Writing logic1 will result in the flag value remaining unchanged.
Four examples are given for clearing the flags. Clearing the flags is made by a write
command:
• Bits labeled with - must be written with their previous values
• WDTF is read only and has to be written with logic 0
Repeatedly re-writing these bits has no influence on the functional behavior.
Table 38.
First period delay for timer counter
Timer source clock
Minimum timer period
Maximum timer period
4.096 kHz
n
n + 1
64 Hz
n
n + 1
1 Hz
(n
− 1) + 1⁄
64 Hz
n + 1
⁄
64 Hz
1
⁄
60 Hz
(n
− 1) + 1⁄
64 Hz
n + 1
⁄
64 Hz
Table 39.
Flag location in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
MSF
WDTF
TSF2
AF
CDTF
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com