Electronic Components Datasheet Search
  English  ▼

X  

PSMN2R2-40PS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN2R2-40PS
Description  N-channel 40 V 2.1 m廓 standard level MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R2-40PS Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN2R2-40PS Datasheet HTML 1Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 2Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 3Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 4Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 5Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 6Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 7Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 8Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PSMN2R2-40PS_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 September 2009
2 of 13
NXP Semiconductors
PSMN2R2-40PS
N-channel 40 V 2.1 m
Ω standard level MOSFET
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1G
gate
SOT78
(TO-220AB)
2D
drain
3S
source
mb
D
drain
12
mb
3
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN2R2-40PS
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
40
V
VDGR
drain-gate voltage
Tj ≥ 25 °C; Tj ≤ 175 °C; RGS =20kΩ
-40
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =10V; Tmb = 100 °C; see Figure 1
-100
A
VGS =10V; Tmb =25°C; see Figure 1 and 3
-100
A
IDM
peak drain current
tp ≤ 10 µs; pulsed; Tmb =25°C; see Figure 3
-962
A
Ptot
total power dissipation
Tmb =25°C; see Figure 2
-306
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com