Electronic Components Datasheet Search
  English  ▼

X  

PSMN2R2-40PS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN2R2-40PS
Description  N-channel 40 V 2.1 m廓 standard level MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R2-40PS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN2R2-40PS Datasheet HTML 3Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 4Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 5Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 6Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 7Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 8Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 9Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 10Page - NXP Semiconductors PSMN2R2-40PS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PSMN2R2-40PS_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 September 2009
7 of 13
NXP Semiconductors
PSMN2R2-40PS
N-channel 40 V 2.1 m
Ω standard level MOSFET
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 9.
Forward transconductance as a function of
drain current; typical values
Fig 10. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aad118
0
50
100
150
200
250
0
1.5
3
4.5
6
VGS (V)
ID
(A)
25
°C
175
°C
003aad122
2000
4000
6000
8000
10000
12000
10
-1
1
10
VGS (V)
C
(pf)
Ciss
Crss
003aad123
0
50
100
150
200
250
0
50
100
150
200
ID (A)
gfs
(S)
003aad124
0
5
10
15
20
25
30
0
5
10
15
20
VGS (V)
RDS(on)
(m
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com