Electronic Components Datasheet Search
  English  ▼

X  

Si1012R/X Datasheet(PDF) 6 Page - Texas Instruments

Part # Si1012R/X
Description  Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

Si1012R/X Datasheet(HTML) 6 Page - Texas Instruments

  Si1012R/X Datasheet HTML 1Page - Texas Instruments Si1012R/X Datasheet HTML 2Page - Texas Instruments Si1012R/X Datasheet HTML 3Page - Texas Instruments Si1012R/X Datasheet HTML 4Page - Texas Instruments Si1012R/X Datasheet HTML 5Page - Texas Instruments Si1012R/X Datasheet HTML 6Page - Texas Instruments Si1012R/X Datasheet HTML 7Page - Texas Instruments Si1012R/X Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bill of Materials
www.ti.com
4
Bill of Materials
Table 2. PMP4978 Bill of Materials
Count
RefDes Value
Description
Size
Part Number
MFR
Area
1
C1
0.1 mF
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
5650
1
C2
33pF
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
5650
6
C3
10 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
0805
C2012X5R0J106M
TDK
10560
C4
10 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
0805
C2012X5R0J106M
TDK
10560
C5
10 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
0805
C2012X5R0J106M
TDK
10560
C6
10 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
0805
C2012X5R0J106M
TDK
10560
C7
10 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
0805
C2012X5R0J106M
TDK
10560
C8
10 mF
Capacitor, Ceramic, 6.3V, X5R, 20%
0805
C2012X5R0J106M
TDK
10560
1
C9
2.2 mF
Capacitor, Ceramic, 16V, X5R, 10%
0603
C1608X5R1C225K
TDK
5650
1
C10
1.0 mF
Capacitor, Ceramic, 25V, X5R, 10%
0603
C1608X5R1E105K
TDK
5650
1
C11
0.01 mF
Capacitor, Ceramic, 50V, X7R, 10%
0603
C1608X7R1H103K
TDK
5650
1
J1
PEC36SAAN
Header, Male 5-pin, 100mil spacing, (36-pin
0.100 inch × 5
PEC36SAAN
Sullins
60000
strip)
2
L1
2.2 mH
Inductor, SMT, 1.2A, 100m
Ω
0.102 × 0.110 inch
VLF3014AT-2R2M1R2
TDK
24,7
L2
2.2 mH
Inductor, SMT, 1.2A, 100m
Ω
0.102 × 0.110 inch
VLF3014AT-2R2M1R2
TDK
24,7
2
Q1
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
Q2
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
1
Q3
Si1012R/X
MOSFET, N-ch, 20V, 600mA, 0.7ohms
SC89-3
Si1012R/X
Vishay
12125
2
R1
10k
Resistor, Chip, 1/16W, 1%
0603
CRCW0603-xxxx-F
Vishay
9100
R2
10k
Resistor, Chip, 1/16W, 1%
0603
CRCW0603-xxxx-F
Vishay
9100
1
R3
100k
Resistor, Chip, 1/16W, 1%
0603
CRCW0603-xxxx-F
Vishay
9100
1
R4
20k
Resistor, Chip, 1/16W, 1%
0603
CRCW0603-xxxx-F
Vishay
9100
3
R5
365K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
R6
365K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
1
R7
10K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
1
R8
12.5K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
R9
365K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
1
R10
182K
Resistor, Chip, 1/16W, 1%
0603
Std
Std
5650
1
U1
TPS62420DRC
IC, 2.25 MHz Dual Step Down Converter
QFN10
TPS62420DRC
TI
40500
1
U2
TPS71733DCK
IC, 150mA, Low Iq, Wide Bandwidth, LDO
SC70
TPS71728DCK
TI
18.6
Linear Regulators
Notes: 1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants. Failure to use clean flux is unacceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Reference designators marked with an asterisk ('**') cannot be substituted. All other components can be substituted with equivalent MFG's
components.
6
Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
SLVA343A – June 2009 – Revised May 2010
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com