Electronic Components Datasheet Search
  English  ▼

X  

TPD4S009 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S009
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S009 Datasheet(HTML) 4 Page - Texas Instruments

  TPD4S009 Datasheet HTML 1Page - Texas Instruments TPD4S009 Datasheet HTML 2Page - Texas Instruments TPD4S009 Datasheet HTML 3Page - Texas Instruments TPD4S009 Datasheet HTML 4Page - Texas Instruments TPD4S009 Datasheet HTML 5Page - Texas Instruments TPD4S009 Datasheet HTML 6Page - Texas Instruments TPD4S009 Datasheet HTML 7Page - Texas Instruments TPD4S009 Datasheet HTML 8Page - Texas Instruments TPD4S009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPD4S009
TPD4S010
SLVS817D – MAY 2008 – REVISED MARCH 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range for TPD4S009
–0.3
6
V
VIO
IO signal voltage range
0
VCC
V
Tstg
Storage temperature range
–65
125
°C
TA
Characterized free-air operating temperature range
–40
85
°C
Lead temperature, 1.6 mm (1/16 in) from case for 10 s)
260
°C
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±9
kV
Peak pulse power (tp = 8/20 ms)
25
W
Peak pulse current (tp = 8/20 ms)
2.5
A
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse standoff voltage
Any IO pin to ground
5.5
V
VBR
Breakdown voltage
IIO = 1 mA
Any IO pin to ground
9
V
IIO
IO port current
VIO = 3.3 V, VCC = 5 V
Any IO pin
0.01
0.1
mA
Ioff
Current from IO port to supply pins
VIO = 3.3 V, VCC = 5 V
Any IO pin
0.01
0.1
mA
VD
Diode forward voltage
IIO = 8 mA
Lower clamp diode
0.6
0.8
0.95
V
RDYN
Dynamic resistance
I = 1 A
Any IO pin
1.1
Ω
CIO
IO capacitance
VCC = 5 V, VIO = 2.5 V
Any IO pin
0.8
pF
ICC
Operating supply current
VIO = Open, VCC = 5 V
VCC pin
0.1
1
mA
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD4S009 TPD4S010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com