Electronic Components Datasheet Search
  English  ▼

X  

TPD4S009 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S009
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S009 Datasheet(HTML) 1 Page - Texas Instruments

  TPD4S009 Datasheet HTML 1Page - Texas Instruments TPD4S009 Datasheet HTML 2Page - Texas Instruments TPD4S009 Datasheet HTML 3Page - Texas Instruments TPD4S009 Datasheet HTML 4Page - Texas Instruments TPD4S009 Datasheet HTML 5Page - Texas Instruments TPD4S009 Datasheet HTML 6Page - Texas Instruments TPD4S009 Datasheet HTML 7Page - Texas Instruments TPD4S009 Datasheet HTML 8Page - Texas Instruments TPD4S009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPD4S009...DBV OR DCK PACKAGE
(TOP VIEW)
D1+
1
6
D1–
GND
2
5
V
CC
D2+
3
4
D2–
TPD4S009...DRY PACKAGE
(TOP VIEW)
1
6
2
5
D1+
GND
D2+
3
4
D1–
V
CC
D2–
TPD4S009...DGS PACKAGE
(TOP VIEW)
V
CC
N.C.
N.C.
N.C.
N.C.
D1+
D1–
GND
D2+
D2–
1
3
2
5
4
10
8
9
6
7
TPD4S010...DQA PACKAGE
(TOP VIEW)
GND
N.C.
N.C.
N.C.
N.C.
D1+
D1–
GND
D2+
D2–
10
8
9
6
7
1
2
3
4
5
TPD4S009
TPD4S010
www.ti.com
SLVS817D – MAY 2008 – REVISED MARCH 2010
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
Check for Samples: TPD4S009, TPD4S010
1
FEATURES
•
Supports High-Speed Differential Data Rates
•
IEC 61000-4-2 (Level 4) System-Level ESD
(3-dB Bandwidth > 4 GHz)
Compliance
•
Ultra-low Matching Capacitance Between
•
2.5-A Peak Pulse Current (8/20-ms Pulse)
Differential Signal Pairs
•
Ioff Feature for the TPD4S009
•
Low 0.8-pF Line Capacitance for Each Data
•
Industrial Temperature Range:
Line to GND
–40°C to 85°C
•
Flow-Through Single-in-Line Pin Mapping for
•
Space-Saving Package Options
High-Speed Lines Ensures No Additional
Board Layout Burden While Placing ESD
Protection Chip Near Connector
DESCRIPTION/ORDERING INFORMATION
The TPD4S009 and TPD4S010 provide system level electrostatic discharge (ESD) solution for high-speed
differential lines. These devices offer four ESD clamp circuits for dual pair differential lines. The TPD4S009 offers
an optional VCC supply pin which can be connected to system supply plane. There is a blocking diode at the VCC
pin to enable the Ioff feature for the TPD4S009. The TPD4S009 can handle live signal at the D+, D- pins when
the VCC pin is connected to zero volt. The VCC pin allows all the internal circuit nodes of the TPD4S009 to be at
known potential during start up time. However, connecting the optional VCC pin to board supply plane doesn't
affect the system level ESD performance of the TPD4S009. The TPD4S010 does not offer the VCC pin.
The TPD4S009 is offered in DBV, DCK, DGS, and DRY packages. The TPDS4010 is offered in DQA package.
The TPD4S009DRYR is the most space saving package option available for dual pair high-speed differential
lines. The TPD4S009DGSR and TPD4S010DQAR offer flow-through board layout option to reduce signal
glitches due to mismatch between the D+ and D- signal pair routing.
The monolithic silicon technology allows matching between the differential signal pairs. The excellent matching
between the differential pair signal lines (0.05-pF line-line capacitance for the TPD4S009DRY) enables this
device to operate at high-speed differential data rates (3-dB bandwidth > 4 GHz). The TPD4S009 and
TPD4S010 are suitable for high-speed differential applications, such as high-definition multimedia interface
(HDMI), low-voltage differential signaling (LVDS), serial advanced technology attachment (SATA), Ethernet, 1394
( FireWire®), etc.
TPD4S009/TPD4S010 comply with IEC 61000-4-2 (Level 4) ESD.
TPD4S009/TPD4S010 are characterized for operation over the ambient air temperature range of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD4S009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009DBVR TI-TPD4S009DBVR Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

Similar Description - TPD4S009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com