Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410IVF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410IVF
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410IVF Datasheet(HTML) 4 Page - Texas Instruments

  TUSB3410IVF Datasheet HTML 1Page - Texas Instruments TUSB3410IVF Datasheet HTML 2Page - Texas Instruments TUSB3410IVF Datasheet HTML 3Page - Texas Instruments TUSB3410IVF Datasheet HTML 4Page - Texas Instruments TUSB3410IVF Datasheet HTML 5Page - Texas Instruments TUSB3410IVF Datasheet HTML 6Page - Texas Instruments TUSB3410IVF Datasheet HTML 7Page - Texas Instruments TUSB3410IVF Datasheet HTML 8Page - Texas Instruments TUSB3410IVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Thermal
Shutdown
UVLO
Current
Limit
3.3MW
Overshoot
Detect
500kW
1.208V
Bandgap
IN
EN
FB
OUT
GND
400W
Thermal
Shutdown
UVLO
Current
Limit
2 A
m
Overshoot
Detect
500kW
Quickstart
1.208V
Bandgap
(1)
IN
EN
NR
OUT
GND
400W
NOTE(1): Fixedvoltageversionsbetween1.0Vto1.2Vhavea1.0Vbandgapcircuit
insteadofa1.208Vbandgapcircuit.
8
7
6
5
OUT
N/C
NR/FB
GND
IN
N/C
N/C
EN
1
2
3
4
GND
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
TPS735xx
SBVS087H – JUNE 2008 – REVISED NOVEMBER 2009
www.ti.com
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. Fixed Voltage Versions
Figure 2. Adjustable Voltage Versions
PIN CONFIGURATIONS
DRB PACKAGE
DRV PACKAGE
3mm × 3mm SON-6
2mm × 2mm SON-6
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
TPS735xx
NAME
DRV
DRB
DESCRIPTION
IN
6
8
Input supply.
GND
3, Pad
4
Ground. The pad must be tied to GND.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
4
5
shutdown mode. EN can be connected to IN if not used.
Fixed voltage versions only; connecting an external capacitor to this pin bypasses noise
NR
2
3
generated by the internal bandgap. This allows output noise to be reduced to very low levels.
Adjustable version only; this is the input to the control loop error amplifier, and is used to set the
FB
2
3
output voltage of the device.
Output of the regulator. A small capacitor (total typical capacitance
≥ 2.0μF ceramic) is needed
OUT
1
1
from this pin to ground to assure stability.
N/C
5
2, 6, 7
Not internally connected. This pin must either be left open, or tied to GND.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com