Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410IVF Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410IVF
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410IVF Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB3410IVF Datasheet HTML 7Page - Texas Instruments TUSB3410IVF Datasheet HTML 8Page - Texas Instruments TUSB3410IVF Datasheet HTML 9Page - Texas Instruments TUSB3410IVF Datasheet HTML 10Page - Texas Instruments TUSB3410IVF Datasheet HTML 11Page - Texas Instruments TUSB3410IVF Datasheet HTML 12Page - Texas Instruments TUSB3410IVF Datasheet HTML 13Page - Texas Instruments TUSB3410IVF Datasheet HTML 14Page - Texas Instruments TUSB3410IVF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
P
D
+ VIN*VOUT @ IOUT
TPS735xx
www.ti.com
SBVS087H – JUNE 2008 – REVISED NOVEMBER 2009
Thermal Information
Thermal Protection
Power Dissipation
Thermal protection disables the output when the
The ability to remove heat from the die is different for
junction temperature rises to approximately +165°C,
each
package
type,
presenting
different
allowing the device to cool. When the junction
considerations in the PCB layout. The PCB area
temperature cools to approximately +145°C the
around the device that is free of other components
output circuitry is again enabled. Depending on power
moves the heat from the device to the ambient air.
dissipation,
thermal
resistance,
and
ambient
Performance data for JEDEC low- and high-K boards
temperature, the thermal protection circuit may cycle
are given in the Dissipation Ratings table. Using
on and off. This cycling limits the dissipation of the
heavier
copper
increases
the
effectiveness
in
regulator, protecting it from damage as a result of
removing heat from the device. The addition of plated
overheating.
through-holes
to
heat-dissipating
layers
also
improves the heatsink effectiveness.
Any tendency to activate the thermal protection circuit
indicates
excessive
power
dissipation
or
an
Power dissipation depends on input voltage and load
inadequate heatsink. For reliable operation, junction
conditions. Power dissipation is equal to the product
temperature should be limited to +125°C maximum.
of the output current time the voltage drop across the
To estimate the margin of safety in a complete design
output pass element, as shown in Equation 2:
(including
heatsink),
increase
the
ambient
(2)
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
Note: When the device is used in a condition of
reliability, thermal protection should trigger at least
higher input and lower output voltages with the DRV
+35°C
above
the
maximum
expected
ambient
and DRB packages, PD exceeds the package rating
condition
of
your
particular
application.
This
at room temperature. This equation shows an
configuration
produces
a
worst-case
junction
example of the DRB package:
temperature of +125°C at the highest expected
PD = (6.5V – 1.0V) × 500mA = 2.75W, which is
ambient temperature and worst-case load.
greater than 2.5W at +25°C.
The internal protection circuitry of the TPS735xx has
Package Mounting
been designed to protect against overload conditions.
It was not intended to replace proper heatsinking.
Solder
pad
footprint
recommendations
for
the
Continuously running the TPS735xx into thermal
TPS735xx are available from the Texas Instruments
shutdown degrades device reliability.
web site at www.ti.com.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com